Electronic Components Datasheet Search
  English  ▼

X  

AX102263 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX102263
Description  Faceplates and Panels - KeyConnect Blank Insert
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102263 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX102263 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102263 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102263 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
KeyConnect Blank Insert
Usage (Overall)
Related Parts:
- Compatible KeyConnect-style Faceplate and Patch Panel
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
0.850
0.650
0.790
Materials
Materials:
Description Material
Insert
Plastic - UL94V-0
Color
Color:
Black
Weight
Weight:
0.002 lbs.
Packaging
Packaging:
50 units packaged in a plastic bag.
Mechanical Characteristics (Connectivity)
Footprint/Type:
KeyConnect
Connector/Hardware Retention:
20 lbs.
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
Yes
Safety Listing:
Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For proper installation refer to Installation Guide PX103826. Visit our web site at
Page 1 of 2
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX102263 Faceplates and Panels - KeyConnect Blank Insert


Similar Part No. - AX102263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102263 ETC2-AX102263 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102263 ETC2-AX102263 Datasheet
174Kb / 2P
Keystone Multimedia Modules
More results

Similar Description - AX102263

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
AX102261 ETC2-AX102261 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102262 ETC2-AX102262 Datasheet
99Kb / 3P
Faceplates and Panels - KeyConnect Blank Insert
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
AX103253 ETC2-AX103253 Datasheet
113Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
AX103255 ETC2-AX103255 Datasheet
116Kb / 4P
Faceplates and Panels - CAT6 Patch Panel - KeyConnect
logo
Belden Inc.
AX105364 BELDEN-AX105364 Datasheet
225Kb / 2P
AX105364 Faceplates and Panels - Angled Patch Panel - KeyConnect
AX104592 BELDEN-AX104592 Datasheet
101Kb / 2P
AX104592 Faceplates and Panels - KeyConnect Patch Panel - KeyConnect
AX104569 BELDEN-AX104569 Datasheet
99Kb / 2P
Faceplates and Panels - AngleFlex Patch Panel - KeyConnect
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com