Electronic Components Datasheet Search
  English  ▼

X  

NPI-C Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NPI-C
Description  NPI Power Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPI-C Datasheet(HTML) 5 Page - NIC-Components Corp.

  NPI-C Datasheet HTML 1Page - NIC-Components Corp. NPI-C Datasheet HTML 2Page - NIC-Components Corp. NPI-C Datasheet HTML 3Page - NIC-Components Corp. NPI-C Datasheet HTML 4Page - NIC-Components Corp. NPI-C Datasheet HTML 5Page - NIC-Components Corp. NPI-C Datasheet HTML 6Page - NIC-Components Corp. NPI-C Datasheet HTML 7Page - NIC-Components Corp. NPI-C Datasheet HTML 8Page - NIC-Components Corp. NPI-C Datasheet HTML 9Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
58
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPI Power Inductors
NPI__C Series
Part Number
STANDARD VALUES - CASE SIZE 54 (5.8 x 5.2 x 4.5mm)
Inductance Value
(µH)
DC Resistance
(Ω)
DC Current
Isat/Irms (Amps)
Test Frequency
NPI54C1R0MTRF
1.0 ± 20%
0.018
3.5
100KHz*
NPI54C1R4MTRF
1.4 ± 20%
0.02
3.5
NPI54C1R8MTRF
1.8 ± 20%
0.025
3.0
NPI54C2R2MTRF
2.2 ± 20%
0.03
2.8
NPI54C2R7MTRF
2.7 ± 20%
0.035
2.6
NPI54C3R3MTRF
3.3 ± 20%
0.04
2.5
NPI54C3R9MTRF
3.9 ± 20%
0.05
2.3
NPI54C4R7MTRF
4.7 ± 20%
0.06
2.6
NPI54C5R6MTRF
5.6 ± 20%
0.07
2.4
NPI54C6R8MTRF
6.8 ± 20%
0.08
2.2
NPI54C8R2MTRF
8.2 ± 20%
0.08
2.0
NPI54C100MTRF
10 ± 20%
0.09
1.8
1KHz*
NPI54C120MTRF
12 ± 20%
0.10
1.6
NPI54C150MTRF
15 ± 20%
0.12
1.5
NPI54C180MTRF
18 ± 20%
0.15
1.4
NPI54C220MTRF
22 ± 20%
0.18
1.3
NPI54C270MTRF
27 ± 20%
0.22
1.2
NPI54C330KTRF
33 ± 10%
0.26
1.0
NPI54C390KTRF
39 ± 10%
0.30
0.90
NPI54C470KTRF
47 ± 10%
0.35
0.85
NPI54C560KTRF
56 ± 10%
0.40
0.80
NPI54C680KTRF
68 ± 10%
0.45
0.70
NPI54C820KTRF
82 ± 10%
0.50
0.70
NPI54C101KTRF
100 ± 10%
0.70
0.60
1KHz
NPI54C121KTRF
120 ± 10%
0.75
0.60
NPI54C151KTRF
150 ± 10%
0.90
0.55
NPI54C181KTRF
180 ± 10%
1.1
0.50
NPI54C221KTRF
220 ± 10%
1.2
0.40
NPI54C271KTRF
270 ± 10%
1.5
0.25
NPI54C331KTRF
330 ± 10%
3.0
0.22
NPI54C391KTRF
390 ± 10%
3.5
0.20
NPI54C471KTRF
470 ± 10%
4.0
0.19
NPI54C561KTRF
560 ± 10%
4.0
0.18
NPI54C681KTRF
680 ± 10%
4.5
0.15
Maximum +40°C temperature rise at Irms. Maximum -30% inductance change at Isat.
*Specifications reflect recent product changes. For more information refer to PCN announcement [Link]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com