Electronic Components Datasheet Search
  English  ▼

X  

NPIM-B Datasheet(PDF) 14 Page - NIC-Components Corp.

Part # NPIM-B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM-B Datasheet(HTML) 14 Page - NIC-Components Corp.

Back Button NPIM-B Datasheet HTML 6Page - NIC-Components Corp. NPIM-B Datasheet HTML 7Page - NIC-Components Corp. NPIM-B Datasheet HTML 8Page - NIC-Components Corp. NPIM-B Datasheet HTML 9Page - NIC-Components Corp. NPIM-B Datasheet HTML 10Page - NIC-Components Corp. NPIM-B Datasheet HTML 11Page - NIC-Components Corp. NPIM-B Datasheet HTML 12Page - NIC-Components Corp. NPIM-B Datasheet HTML 13Page - NIC-Components Corp. NPIM-B Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
120 sec.
25
50
100
150
200
250
300
Pre-Heat
180°C ~ 200°C
Time above 220°C
50 seconds max.
Series
A
B
Qty/Reel
NPIM41B
12.5 ± 0.5
2.0 ± 0.2
3,000
NPIM42B
12.5 ±0.5
2.0 ± 0.2
2,000
NPIM51B
12.5 ± 0.5
2.0 ± 0.2
3,000
NPIM52B
16.0 ±0.5
2.0 ± 0.2
1,000
NPIM53B
16.0 ± 0.5
2.0 ± 0.2
1,000
NPIM72B
16.0 ± 0.5
2.0 ± 0.2
1,000
NPIM73B
16.0 ± 0.5
2.0 ± 0.2
1,000
NPIM74B
16.0 ± 0.5
2.0 ± 0.2
1,000
NPIM75B
16.0 ± 0.5
2.0 ± 0.2
1,000
NPIM101B
24.5 ± 0.5
2.0 ± 0.2
1,000
NPIM103B
24.5 ± 0.5
2.0 ± 0.2
500
NPIM104B
24.5 ± 0.5
2.0 ± 0.2
500
NPIM105B
24.5 ± 0.5
2.0 ± 0.2
500
NPIM133B
24.5 ± 0.5
2.0 ± 0.2
500
NPIM135B
24.5 ± 0.5
2.0 ± 0.2
500
NPIM136B
24.5 ± 0.5
2.0 ± 0.2
500
NPIM187B
24.5 ± 0.5
2.0 ± 0.2
200
A
B
2.0 ± 0.5
φ 13.0 ± 1.0
φ 20.0 ± 0.5
REEL DIMENSIONS (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com