Electronic Components Datasheet Search
  English  ▼

X  

NPIS-LP Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPIS-LP
Description  NPIS Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS-LP Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPIS-LP Datasheet HTML 1Page - NIC-Components Corp. NPIS-LP Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NPIS__LP Series
NPIS Shielded Power Inductors
Series
Standard Values - Case Size 2
1 (2.0 x 2.5 x 1.2mm)
Inductance
(μH)
Tolerance
Test
Conditions
Max. DCR
(Ω)
Isat (Amps)
Irms (Amps)
Max.
Typ.
Max.
Typ.
NPIS21LPR47MTRF
0.47
±20%
100KHz, 1V
0.03
3.3
3.6
3.3
3.6
NPIS21LP1R0MTRF
1.0
±20%
100KHz, 1V
0.038
2.4
2.6
2.4
2.6
NPIS21LP1R5MTRF
1.5
±20%
100KHz, 1V
0.078
2.1
2.3
1.95
2.15
NPIS21LP2R2MTRF
2.2
±20%
100KHz, 1V
0.096
1.8
1.95
1.8
2
NPIS21LP3R3MTRF
3.3
±20%
100KHz, 1V
0.168
1.6
1.75
1.3
1.4
NPIS21LP4R7MTRF
4.7
±20%
100KHz, 1V
0.234
1.4
1.5
1.1
1.2
Maximum +40°C temperature rise at Irms. Maximum -30% inductance drop from initial measured value at Isat.
NPIS21LP Size
Tape Width
REEL DIMENSIONS (mm)
A(mm)
B(mm)
C(mm)
D(mm)
NPIS21LP
9.0 ± 1.5
58 ± 2.0
13.5 ± 0.2
178 ± 2.0
Case Size
CARRIER TAPING DIMENSIONS (mm) AND REEL QUANTITY
Ao
Bo
Ko
Co
W
Po
t
Quantity
NPIS21LP
2.2 ± 0.1
2.6 ± 0.1
1.4 ± 0.1
3.5 ± 0.1
8.0 ± 0.3
4.0 ± 0.1
0.3 ± 0.03
2,000
W
Co
Ao
Po
Ko
Bo
1.5mm ± 0.1
4.0mm
±0.1
1.75mm ±0.1
t
B
C
D
A
REFLOW SOLDERING PROFILE
Soldering 260°C max.
10 seconds max.
Cool Down
Pre-heat
120 sec. ±30 sec.
25
50
100
150
200
250
300
Time above 240°C
20 ~ 60 sec.
30
60
90 120 150 180 210 240 270 300
Time - Seconds
+190°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com