Electronic Components Datasheet Search
  English  ▼

X  

ST4ETA202 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ST4ETA202
Description  Surface Mount Cermet Trimmers (single turn)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST4ETA202 Datasheet(HTML) 3 Page - Vishay Siliconix

  ST4ETA202 Datasheet HTML 1Page - Vishay Siliconix ST4ETA202 Datasheet HTML 2Page - Vishay Siliconix ST4ETA202 Datasheet HTML 3Page - Vishay Siliconix ST4ETA202 Datasheet HTML 4Page - Vishay Siliconix ST4ETA202 Datasheet HTML 5Page - Vishay Siliconix ST4ETA202 Datasheet HTML 6Page - Vishay Siliconix ST4ETA202 Datasheet HTML 7Page - Vishay Siliconix ST4ETA202 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions contact: copalsupport@vishay.com
Document Number: 58010
3
Revision: 06-Mar-06
ST-4
Vishay
Surface Mount Cermet Trimmers (single turn)
ST-4F, 4EF
Rear adjustment
ST-4H, 4EH
Side adjustment
ST-4D, 4ED
Rear adjustment
*: Note the terminal position.
<Semi-standard products>
<Semi-standard products>
5
2.3
1.2
2.35
2 - 0.8
2.8
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L× 0.5 D
5
2.3
3 - 0.6
2.54
2.5 ± 0.5
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L × 0.5 D
ST-42, 42E
CROSS SLOT DIMENSION
0.6 W × 2.3 L × 0.5 D
Cross slot screwdriver 0 bit: 0.8 D
5
4.5
2.35
2 - 0.8
1.2
6.1
0.8
2
Resistance code & Production date code
t = 0.15
3
1
0.6 W × 2.3 L × 0.5 D
Lead (Pb)-free Identification mark
CW rotation
1
2
3
Unless otherwise specified, tolerance: ± 0.3 (Unit: mm)
Lead (Pb)-free Identification mark
Lead (Pb)-free Identification mark
OUTLINE DIMENSIONS
DIMENSIONS in millimeters
Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be
submitted upon request.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com