Electronic Components Datasheet Search
  English  ▼

X  

STB200N6F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB200N6F3
Description  N-channel 60 V, 3 m廓, 120 A D2PAK, TO-220, I2PAK STripFET??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB200N6F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB200N6F3 Datasheet HTML 1Page - STMicroelectronics STB200N6F3 Datasheet HTML 2Page - STMicroelectronics STB200N6F3 Datasheet HTML 3Page - STMicroelectronics STB200N6F3 Datasheet HTML 4Page - STMicroelectronics STB200N6F3 Datasheet HTML 5Page - STMicroelectronics STB200N6F3 Datasheet HTML 6Page - STMicroelectronics STB200N6F3 Datasheet HTML 7Page - STMicroelectronics STB200N6F3 Datasheet HTML 8Page - STMicroelectronics STB200N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
November 2009
Doc ID 15606 Rev 2
1/16
16
STB200N6F3, STI200N6F3
STP200N6F3
N-channel 60 V, 3 m
Ω, 120 A D2PAK, TO-220, I2PAK
STripFET™ Power MOSFET
Features
■ Ultra low on-resistance
■ 100% avalanche tested
Application
■ Switching applications
Description
This STripFET™ III Power MOSFET technology
is among the latest improvements, which have
been especially tailored to minimize on-state
resistance providing superior switching
performance.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB200N6F3
60 V
< 3.5 m
Ω 120 A(1)
1.
Value limited by wire bonding
330 W
STI200N6F3
60 V
< 3.8 m
Ω 120 A(1) 330 W
STP200N6F3
60 V
< 3.8 m
Ω 120 A(1) 330 W
D2PAK
1
3
TO-220
1
2
3
1
2
3
I2PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB200N6F3
200N6F3
D2PAK
Tape and reel
STI200N6F3
200N6F3
I2PAK
Tube
STP200N6F3
200N6F3
TO-220
Tube
www.st.com


Similar Part No. - STB200N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB200N4F3 STMICROELECTRONICS-STB200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
logo
Inchange Semiconductor ...
STB200N4F3 ISC-STB200N4F3 Datasheet
348Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB200NF03 STMICROELECTRONICS-STB200NF03 Datasheet
557Kb / 14P
N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
STB200NF03 STMICROELECTRONICS-STB200NF03 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB200NF03-1 STMICROELECTRONICS-STB200NF03-1 Datasheet
557Kb / 14P
N-CHANNEL 30V - 0.0032 ohm - 120A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Oct-2002
More results

Similar Description - STB200N6F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB200NF04L STMICROELECTRONICS-STB200NF04L Datasheet
358Kb / 12P
N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET
Apr-2005
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
N-channel 55V - 0.0065Ω - 80A - D2PAK - I2PAK - TO-220 STripFET™II Power MOSFET
02-Mar-2007
STP55NF06L STMICROELECTRONICS-STP55NF06L_06 Datasheet
337Kb / 15P
N-channel 60V - 0.014Ω - 55A TO-220/D2PAK/I2PAK STripFET??II Power MOSFET
27-Nov-2006
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
01-Aug-2007
STB180N10F3 STMICROELECTRONICS-STB180N10F3 Datasheet
256Kb / 12P
N-channel 100 V, 4.0 m廓, 120 A STripFET??Power MOSFET D2PAK, TO-220
01-Aug-2008
STB185N10F3 STMICROELECTRONICS-STB185N10F3 Datasheet
255Kb / 12P
N-channel 100 V, 4.0 mΩ, 120 A, D2PAK, TO-220 STripFET™Power MOSFET
01-Aug-2007
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
N-channel 40 V - 2.1 mΩ - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
02-Apr-2008
STB85NF55 STMICROELECTRONICS-STB85NF55_09 Datasheet
951Kb / 15P
N-channel 55 V, 0.0062 Ω, 80 A, TO-220, D2PAK, I2PAK STripFET??II Power MOSFET
01-Oct-2009
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
N-channel 75 V, 3 mΩ, 120 A TO-220 STripFET™VI DeepGATE??Power MOSFET
02-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com