Electronic Components Datasheet Search
  English  ▼

X  

ZXRE250 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXRE250
Description  Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXRE250 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXRE250 Datasheet HTML 1Page - Diodes Incorporated ZXRE250 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diodes.com
Announcement
New Product
ZXRE250/2
Very low cathode current 2.5V shunt regulator
with industrial temperature range and 36V
max input voltage
Issue Number │001
May 2010
Ordering information
All variants are in packages are “Green” Molding Compound (No Br, Sb) with Lead Free Finish/RoHS Compliant (Note 1)
Notes:1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes
Diodes 2.5V Shunt regulators
To find more information:
Shunt regulator overview page
http://www.diodes.com/products/catalog/list.php?parent-id=82
Datasheet
http://www.diodes.com/datasheets/ZXRE250.pdf
Device
Tolerance
Package
Part mark
Reel size
Quantity per reel
Tape width
ZXRE250ASA-7
1%
SOT23
DA
7"
3000
8mm
ZXRE250AW5-7
1%
SOT25
DA
7"
3000
8mm
ZXRE250BSA-7
0.5%
SOT23
DB
7"
3000
8mm
ZXRE250BW5-7
0.5%
SOT25
DB
7"
3000
8mm
ZXRE252ASA-7
1%
SOT23
FA
7”
3000
8mm
ZXRE252BSA-7
0.5%
SOT23
FB
7”
3000
8mm
V
%
V
mA
µA
ppm/oC
Ω
o
C
AP431
2.495 0.5 & 1
36
250
190
30
0.5
-20 to +85
TO92/SO-8/SOT23/
SOT89/SC59/SOT25
TL431
2.495 0.5 & 1
36
100
400
50
0.5
-40 to +125
SOT23/SOT25
TL432
2.495 0.5 & 1
36
100
400
50
0.5
-40 to +125
SOT23
ZXRE250
2.495 0.5 & 1
36
100
40
50
0.5
-40 to +125
SOT23/SOT25
ZXRE252
2.495 0.5 % 1
36
100
40
50
0.5
-40 to +125
SOT23
ZR431
2.5 0.5, 1 & 2
20
100
50
55
0.75
-40 to +85
SOT223/SOT23
ZTL431
2.5
0.5 & 1
20
100
400
50
0.5
-40 to +125 X
SOT23/SOT363/SOT25
ZTL432
2.5
0.5 & 1
20
100
400
50
0.5
-40 to +125 X
SOT23



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com