Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1370 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXLD1370
Description  Versatile LED driver increases reliability of high brightness lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXLD1370 Datasheet HTML 1Page - Diodes Incorporated ZXLD1370 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Announcement
New Product
ZXLD1370
NPA Number 001
ZXLD1370
Versatile LED driver increases
reliability of high brightness lamps
Description
The ZXLD1370 is a high
accuracy LED driver controller;
the LED load current that can
be delivered is dependent on
the external MOSFET.
It can be used as a
It can be used as a
Buck converter
Boost converter
Buck-Boost converter.
It is Diodes’ first LED driver to
offer this functionality.
The device can drive up to
The Diodes advantage
The ZXLD1370 provide simple high reliability solution for driving
multiple extremely high brightness LEDs in multiple topologies
High accuracy LED control: 1% reference tolerance
Better brightness control and matching between lamps
Multi-topology device
The device can drive up to
16 LEDs in series from a
voltage source of 6.5V to
60V. Series connection of
the LED provides identical LED
currents resulting in uniform
brightness and eliminates
the need for ballast resistors.
1 device can be used in buck lighting, boost light and buck-boost
lighting apps
LED thermal management via external thermistor
Improves reliability of LED lamps
Separate 1000:1 PWM dimming capability
Improves dynamic range of dimming at lower light levels
Switching frequency up to 1MHz
Reduces value of inductor reducing size of solution
The ZXLD1370 switches at
frequencies up to 1MHz, which
allows the use of small size
external components, hence
minimizing the required
PCB area.
A 1.5A LED driver converter is
Circuit functions
Buck driving of 3W and
Boost driving of 3W
Reduces value of inductor reducing size of solution
Two- pin diagnostic feedback pins
Reports back to system the state of LED driver and load can be used
to increase reliability of overall system
A 1.5A LED driver converter is
expected to release in June
2010.
www.diodes.com
1W LED
Constant Current Source
and 1W LED


Similar Part No. - ZXLD1370

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1370 DIODES-ZXLD1370 Datasheet
731Kb / 35P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Rev 3
ZXLD1370 DIODES-ZXLD1370 Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
ZXLD1370 DIODES-ZXLD1370 Datasheet
1Mb / 40P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
Rev 6
ZXLD1370EST16TC DIODES-ZXLD1370EST16TC Datasheet
859Kb / 36P
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
Rev 4
More results

Similar Description - ZXLD1370

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MOB51CRAH MICRO-ELECTRONICS-MOB51CRAH Datasheet
47Kb / 1P
ULTRA HIGH BRIGHTNESS ORANGE LED LAMPS
MSB34XA MICRO-ELECTRONICS-MSB34XA Datasheet
102Kb / 2P
3mm CYLINDRIC HIGH BRIGHTNESS LED LAMPS
logo
Princeton Technology Co...
PT6903 PTC-PT6903 Datasheet
233Kb / 4P
High Brightness LED Driver
PT6905 PTC-PT6905 Datasheet
358Kb / 4P
High Brightness LED Driver
PT6903 PTC-PT6903_10 Datasheet
233Kb / 4P
High Brightness LED Driver
logo
Gamma Microelectronics ...
GM9910B GAMMA-GM9910B Datasheet
192Kb / 8P
UNIVERAL HIGH BRIGHTNESS LED DRIVER
logo
Bruckewell Technology L...
BW9910 BWTECH-BW9910 Datasheet
1Mb / 14P
High Brightness LED Driver
logo
Diodes Incorporated
ZXLD1374_V1 DIODES-ZXLD1374_V1 Datasheet
218Kb / 2P
Versatile LED driver increases reliability of high brightness lamps
2002/95/EC Annex Notes
logo
Microchip Technology
HV9910V MICROCHIP-HV9910V Datasheet
375Kb / 15P
Universal High-Brightness LED Driver
01/27/15
logo
Richtek Technology Corp...
RT8471 RICHTEK-RT8471 Datasheet
237Kb / 15P
Hysteretic, High Brightness LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com