Electronic Components Datasheet Search
  English  ▼

X  

AX103465 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX103465
Description  Modular Connectors - FXU FRAME, 24-F, OM3, LC-DUPLEX/PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX103465 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX103465 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX103465 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
FiberExpress Ultra Frame , 24-fiber, Multimode (OM3) , LC-Duplex/PC
Usage (Overall)
Suitable Applications:
FiberExpress Ultra Solutions, Backbone, Telecommunications Room, Main Distribution Room, Data
Centers
Related Parts:
FiberExpress Ultra Patch Panels Rack Mount and Wall Mount, Splice Trays
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Depth (in.)
1.500
4.460
2.200
Materials
Materials:
Description
Type
Material
Color
Frame
Plastic - UL94V-0 Black
Front Connector Body LC-DUPLEX Plastic - UL94V-0 Aqua
Adapter Sleeve
Metal
Weight
Weight:
0.350 lbs.
Included Parts
Included Parts:
Dust Caps
Packaging
Packaging:
Individually packaged in a plastic shell, Shipped in cardboard box (14/box)
Mechanical Characteristics (Connectivity)
Footprint/Type:
1 inch Pullout
Termination Interface:
Termination Connection
Durabilities
Front
Mated Connection 500 cycles
Rear
Mated Connection 500 cycles
Connector/Hardware Retention:
11.250 lbs.
Plug/Connector Retention:
11.250 lbs.
Storage Temperature Range:
-40°C To +75°C
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
EUP 50
Telecommunications Standards:
TIA 568.C.3
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For additional information about this product refer to product buletin NP287, or visit our web site at http://www.belden.com.
Page 1 of 2
07-23-2014
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX103465 Modular Connectors - FXU FRAME, 24-F, OM3, LC-DUPLEX/PC


Similar Part No. - AX103465

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103461 ETC2-AX103461 Datasheet
105Kb / 2P
Modular Connectors - FXU FRAME, SC-DUPLEX, 12F, OM3
AX103463 ETC2-AX103463 Datasheet
103Kb / 2P
Modular Connectors - FXU FRAME, LC-DUPLEX, 12F, OM3
More results

Similar Description - AX103465

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103461 ETC2-AX103461 Datasheet
105Kb / 2P
Modular Connectors - FXU FRAME, SC-DUPLEX, 12F, OM3
AX103463 ETC2-AX103463 Datasheet
103Kb / 2P
Modular Connectors - FXU FRAME, LC-DUPLEX, 12F, OM3
AX103502 ETC2-AX103502 Datasheet
104Kb / 3P
Modular Connectors - FXU FRAME, LC-DUPLEX, 12F, OS2
AX103575 ETC2-AX103575 Datasheet
106Kb / 2P
Modular Connectors - FXU FRAME, Pigtail, 24-F, OM3, LC-DUPLEX/PC
AX103615 ETC2-AX103615 Datasheet
109Kb / 4P
Modular Connectors - FXU FRAME, Pigtail, 24-F, SM, LC-DUPLEX/UPC
AX103901 ETC2-AX103901 Datasheet
109Kb / 3P
Modular Connectors - FXU FRAME, 6 MPO Adapters
logo
Molex Electronics Ltd.
1062730554 MOLEX1-1062730554 Datasheet
40Kb / 1P
Mini-LC to Standard LC Duplex, Micro Meter, 50/125m, OM3 Fiber, Duplex, 20.00m
1064810112 MOLEX-1064810112 Datasheet
42Kb / 1P
LGX Cassette, 24 LC/PC-to-2 Male MTP/PC, Multimode OM3, Aqua
1064810113 MOLEX-1064810113 Datasheet
42Kb / 1P
LGX Cassette, 24 LC/PC-to-1 Male MTP/PC, Multimode OM3, Aqua
1064810123 MOLEX-1064810123 Datasheet
42Kb / 1P
LGX Metal Cassette, 24 LC/PC-to-1 Male MTP/PC, Multimode OM3, Aqua
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com