Electronic Components Datasheet Search
  English  ▼

X  

GS-8020B Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GS-8020B
Description  laser diode collimator, utilizing 3 glass lens, featuring M9x0.5 fine pitched thread, O-Ring sealing, 8 mm focal length, and AR coating suitable for Blue laser diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GS-8020B Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GS-8020B Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.roithner-laser.com
- 1 -
19/04/13
GS-8020B
Description
GS-8020B is a laser diode collimator, utilizing 3 glass lens, featuring M9x0.5 fine pitched thread,
O-Ring sealing, 8 mm focal length, and AR coating suitable for Blue laser diodes. GS-8020B can be
used in conjunction with our LDMT series of laser diode mounting tubes.
Specifications
Parameter
Values
Unit
Focal Length
8.0
nm
Numerical Aperture
0.3
Anti-Reflection Coating
400 - 450
nm
Thread
M9 x 0.5
mm
Dimensions
Ø9 x 12.8
mm
Material
Brass, black burnished
Drawing
Dimensions in mm
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Similar Part No. - GS-8020B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GS-8020A ROITHNER-GS-8020A Datasheet
493Kb / 1P
laser diode collimator
More results

Similar Description - GS-8020B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NDB7112E NICHIA-NDB7112E Datasheet
269Kb / 3P
Blue Laser Diode
logo
Roithner LaserTechnik G...
CAX100 ROITHNER-CAX100 Datasheet
121Kb / 2P
Laser Diode Collimator, Molded Plastic
GS-8020A ROITHNER-GS-8020A Datasheet
493Kb / 1P
laser diode collimator
logo
Rochester Electronics
RLY-133G ROCHESTER-RLY-133G Datasheet
114Kb / 1P
LASER DIODE COLLIMATOR
RLY-134G ROCHESTER-RLY-134G Datasheet
114Kb / 1P
LASER DIODE COLLIMATOR
logo
Roithner LaserTechnik G...
RLY-134G ROITHNER-RLY-134G Datasheet
114Kb / 1P
LASER DIODE COLLIMATOR
logo
NICHIA CORPORATION
NDB4216E-E NICHIA-NDB4216E-E Datasheet
145Kb / 3P
Blue Laser Diode
logo
Roithner LaserTechnik G...
RGL-402-9C ROITHNER-RGL-402-9C Datasheet
248Kb / 2P
Single Glass Lens Laser Diode Collimator
RLT4XX-50CMG ROITHNER-RLT4XX-50CMG Datasheet
591Kb / 3P
Blue Laser Diode
SHD4580MG ROITHNER-SHD4580MG Datasheet
429Kb / 3P
Blue Laser Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com