Electronic Components Datasheet Search
  English  ▼

X  

GS-7027 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # GS-7027
Description  ACRYLIC LASERDIODE COLLIMATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

GS-7027 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  GS-7027 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GS-727
ACRYLIC LASERDIODE COLLIMATOR
SPECIFICATION
• acrylic material
• eff. focus length = 12.00 ±0.05 mm
• distance to focal point = 9.53 ±0.05 mm
• N.A. = 0.2
• RMS wavelength error = 0.01 λ
• wavelength: 670 ±20 nm
• dimension: ∅ 7.00 mm x 2.26 mm
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com


Similar Part No. - GS-7027

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
More results

Similar Description - GS-7027

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT9005MG ROITHNER-RLT9005MG Datasheet
36Kb / 1P
Infrared Laserdiode
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
LC3 ROITHNER-LC3 Datasheet
41Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
ACRYLIC LASERDIODE COLLIMATOR
logo
Elite Enterprises (H.K....
PG1N-3N06 ELITE-PG1N-3N06 Datasheet
160Kb / 3P
Collimator
PG1N-3N15 ELITE-PG1N-3N15 Datasheet
160Kb / 3P
Collimator
PG1N-3N25 ELITE-PG1N-3N25 Datasheet
205Kb / 3P
Collimator
PG1N-NX06 ELITE-PG1N-NX06 Datasheet
271Kb / 2P
Collimator
PG1N-NX15 ELITE-PG1N-NX15 Datasheet
206Kb / 5P
Collimator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com