Electronic Components Datasheet Search
  English  ▼

X  

WM-63PR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WM-63PR
Description  Omnidirectional Electret Condenser Microphone Cartridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WM-63PR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WM-63PR Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Weight and dimensions are approximate.
Specifications are subject to change without notice.
• Very small, thin type omnidirectional microphone
• Most suited to products having limited space
• Better-shielded, RF-noise resistant type
WM-63PR - Dual Band.
Appearance
Sensitivity
Typical Frequency Response Curve
Dimensional Drawing
WM-63PR
WM-63PR
Unit: mm
Omnidirectional Electret Condenser Microphone Cartridge
WM-63PR
+20
+10
0
-10
-30
20
50
100
200
500
1000
2000
Frequency (Hz)
5000
10000
20000
-20
1.3
MAX0.5
2.8
1
Term. 1 Output
Term. 2 Ground
Specifications WM-63PR
Sensitivity:
–45±4dB (0dB=1V/Pa, 1kHz)
Impedance:
Less than 2.2k
Ω
Directivity:
Omnidirectional
Frequency:
20-16,000Hz
Max. operation voltage:
10V
Standard operation voltage:
2V
Current consumption:
Max. 0.5mA
Sensitivity reduction:
Within –3dB at 1.5V
S/N ratio:
More than 58dB
(
)
Vs = 2.0V
RL = 2.2k
Ω
–45±4dB
X: –46±3dB
T: –44±3dB


Similar Part No. - WM-63PR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
WM-63PR PANASONIC-WM-63PR Datasheet
42Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
More results

Similar Description - WM-63PR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
WM-034B PANASONIC-WM-034B Datasheet
48Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
WM-60A PANASONIC-WM-60A Datasheet
42Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
logo
Soberton Inc.
EM1050 SOBERTON-EM1050 Datasheet
878Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6027 SOBERTON-EM6027 Datasheet
811Kb / 1P
Omnidirectional Electret Condenser Microphone
EM6050 SOBERTON-EM6050 Datasheet
178Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9465 SOBERTON-EM9465 Datasheet
831Kb / 1P
Omnidirectional Electret Condenser Microphone
EM9745 SOBERTON-EM9745 Datasheet
818Kb / 1P
Omnidirectional Electret Condenser Microphone
logo
Panasonic Semiconductor
WM-61B102B PANASONIC-WM-61B102B Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-61A PANASONIC-WM-61A Datasheet
76Kb / 1P
Omnidirectional Back Electret Condenser Microphone Cartridge
WM-63PR PANASONIC-WM-63PR Datasheet
42Kb / 1P
Omnidirectional Electret Condenser Microphone Cartridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com