Electronic Components Datasheet Search
  English  ▼

X  

ZXGD3101EV2 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXGD3101EV2
Description  The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101EV2 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXGD3101EV2 Datasheet HTML 1Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 2Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 3Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 4Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 5Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 6Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 7Page - Diodes Incorporated ZXGD3101EV2 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 – December 2009
www.diodes.com
© Diodes Incorporated, 2009
ZXGD3101EV2 EVALUATION BOARD USER GUIDE
Description
This document describes how to connect and evaluate the ZXGD3101EV2 evaluation board, Figure 1.
The purpose of this board is to demonstrate synchronous rectification and driving of a MOSFET as a
Schottky/ultra-fast recovery diode replacement in Flyback converters. When the board is used to drive
a synchronous MOSFET, it will yield efficiency improvement, whilst maintaining design simplicity and
incurring minimal component count. The ZXGD3101 senses the voltage across the MOSFET and
generates the gate drive voltage when a negative voltage is detected across the drain-source pin.
This evaluation guide also includes useful guidelines on conditioning of Flyback converters, as well as
a design tip to overcome premature driver turn-off and maximize the effectiveness of synchronous
rectification.
Note: The evaluation board is not recommended to be used with Flyback converters above 100kHz
switching frequency.
Figure 1 Evaluation board layout and connection diagram
Reference design
The ZXGD3101EV2 is configured to the reference design in Figure 2. The target application for the
device is external adapters where the typical output voltage ranges from 12V to 20V. However, the
evaluation board will work with output voltages up to 40V.
Power, which could be sourced directly from the output of the power supply, is applied to the terminal
block P1. At the other end of the board is a location for a three way header, P2. This is not fitted, so
as to allow flexibility of mounting (forward or reverse). The purpose of the header is to allow the board
to be soldered directly across a TO220 packaged synchronous MOSFET.
R4, Q2, D1 and C1 are configured as a simple series regulator to maintain a stable Vcc. The values of
Rref and Rbias in Figure 2 are based on a 10.3V Vcc. For supply voltages below this, these resistor
values need to be reduced proportionally to maintain 5.3mA and 3.2mA into the ‘REF’ and ‘BIAS’ pins
respectively. Refer to the datasheet for further information on selection of the resistor value.
A fixed-bias-point constant current source (Q1, R2, R1//R5 and R3) is included on the board. The
current source is not active in the original board setting and is only intended for elimination of
premature turn-off problem on the controller (refer to the section ‘Overcoming premature turn-off’ for
details).


Similar Part No. - ZXGD3101EV2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3101EV1 DIODES-ZXGD3101EV1 Datasheet
425Kb / 8P
ZXGD3101EV1 EVALUATION BOARD USER GUIDE
JANUARY 2007
More results

Similar Description - ZXGD3101EV2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3104EV2 DIODES-ZXGD3104EV2 Datasheet
201Kb / 8P
The purpose of this board is to demonstrate the driving of a synchronous MOSFET
Rev erse
logo
STMicroelectronics
AN4233 STMICROELECTRONICS-AN4233 Datasheet
245Kb / 12P
The purpose of this document is to provide a methodology
16-Jan-2013
UM1608 STMICROELECTRONICS-UM1608 Datasheet
634Kb / 9P
The purpose of this document is to describe
03-Jun-2013
UM1470 STMICROELECTRONICS-UM1470 Datasheet
937Kb / 19P
The purpose of this document is to describe
02-May-2012
AN302 STMICROELECTRONICS-AN302 Datasheet
143Kb / 10P
The purpose of this note is to familiarize
10-Mar-2008
AN303 STMICROELECTRONICS-AN303 Datasheet
170Kb / 13P
The purpose of this note is to familiarize
24-Apr-2009
AN4296 STMICROELECTRONICS-AN4296 Datasheet
1Mb / 25P
The purpose of this application note is to give a presentation
02-Sep-2014
UM1755 STMICROELECTRONICS-UM1755 Datasheet
1Mb / 123P
The purpose of this document is to describe the design of the application
17-Nov-2014
PM0237 STMICROELECTRONICS-PM0237 Datasheet
1Mb / 88P
The main purpose of this document is to provide a developer
21-Apr-2015
UM1865 STMICROELECTRONICS-UM1865 Datasheet
1Mb / 132P
The purpose of this document is to describe the design of the application
04-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com