Electronic Components Datasheet Search
  English  ▼

X  

ZXFV4583 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXFV4583
Description  SYNC SEPARATOR WITH VARIABLE FILTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4583 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXFV4583 Datasheet HTML 1Page - Diodes Incorporated ZXFV4583 Datasheet HTML 2Page - Diodes Incorporated ZXFV4583 Datasheet HTML 3Page - Diodes Incorporated ZXFV4583 Datasheet HTML 4Page - Diodes Incorporated ZXFV4583 Datasheet HTML 5Page - Diodes Incorporated ZXFV4583 Datasheet HTML 6Page - Diodes Incorporated ZXFV4583 Datasheet HTML 7Page - Diodes Incorporated ZXFV4583 Datasheet HTML 8Page - Diodes Incorporated ZXFV4583 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZXFV4583
SEMICO NDUC TORS
ISSUE 3 - NOVEMBER 2003
4
PIN No.
PIN NAME
TYPE
FUNCTION
1
RFILT
Resistor
control
Controls the input color carrier filter characteristic. An external
resistor RFILT connected from this pin to 0V sets the bandwidth.
Smaller RFILT gives increased bandwidth. See the detailed operating
description below.
2
RNOSIG
Resistor
control
Controls the no-signal detector level. An external resistor RNOSIG
connected from this pin to 0V sets the threshold voltage level,
according to the equation
VPMIN =0.75RNOSIG /RSET
where VPMIN is the minimum detected sync pulse amplitude at pin 4
and RSET is the resistor value at pin 12.
3
CSYNC
Logic out
Composite sync logic output. Includes all sync pulses derived from
the input video.
4
FILTIN
Analog in
Input to color carrier filter. This is the main analog (unfiltered)
composite video input used when color carrier filtering is required. A
voltage clamp circuit and adaptive current source are also included
at this node. See the detailed operating description. When the filter
is not used, this pin must be left open circuit.
5
VSYNC
Logic out
Vertical sync output. This is an active low pulse commencing on the
first vertical sync pulse trailing (rising) edge and ending near the
second next equalizing pulse. See timing diagram.
6
OVD
Ground
Provides ground return path for internal logic output buffer circuits.
Normally connected externally to a common PCB ground plane.
7
FILTOUT
Analog out Analog output signal from color carrier filter. The filter voltage gain
is nominally 2. This output is normally capacitor-coupled to pin 8.
8
FVIDIN
Analog in
Input for filtered analog video signal input. This is the direct input
to the sample/hold and sync slicing comparator providing the logic
timing edges. This input is normally coupled via an external
capacitor from FILTOUT, pin 7. It may be used as the signal input
where the color carrier filter is not required. Includes a clamp
similar that of pin 4.
9
VLEV
Analog out Analog output, a positive voltage typically equal to twice the
(negative) peak sync pulse amplitude if the filter is used.
10
NOSIG
Logic out
Logic output, which goes high after a time-out delay when no signal
is present. The threshold level is controlled at pin 2.
11
BKPCH
Logic out
Burst or Back Porch logic output, an active low monostable pulse
triggered from rising composite sync pulse edges. The width is set
by RSET to overlap most of the steady part of the back porch,
assuming the color carrier burst has been attenuated sufficiently by
filtering. This pulse is then suitable for controlling an external black
level clamping circuit. See the timing diagram.
12
RSET
Resistor
control
Controls the timing interval of the sample/hold circuit and the
monostable interval for the sync outputs according to the
application. An external resistor, RSET connected from this pin to 0V
establishes the timing parameter, to which these times are scaled
together. See the detailed operating description.
13
ODDFLD
Logic out
Odd field logic output. High during an odd numbered field, low
during even. This output is timed with the start of the VSYNC pulse.
14
V+
Power in
Power supply input, +5V.
15
HSYNC
Logic out
Horizontal sync logic output. Monostable output derived from
CSYNC falling edges, it achieves a steady stream of 5µs pulses. The
half line events during the field blanking interval are eliminated. See
timing diagram.
CONNECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com