Electronic Components Datasheet Search
  English  ▼

X  

ZXFBF08 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXFBF08
Description  8 Channel Buffer Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFBF08 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXFBF08 Datasheet HTML 1Page - Diodes Incorporated ZXFBF08 Datasheet HTML 2Page - Diodes Incorporated ZXFBF08 Datasheet HTML 3Page - Diodes Incorporated ZXFBF08 Datasheet HTML 4Page - Diodes Incorporated ZXFBF08 Datasheet HTML 5Page - Diodes Incorporated ZXFBF08 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 2 - OCTOBER 2000
ZXFBF08
DEVICE DESCRIPTION
The ZXFBF08 is a low cost, high slew rate, octal buffer
amplifier. Built using the Zetex CA700 technology, this
buffer has a small signal bandwidth of greater than
100MHz and a 1 volt pk-pk bandwidth of greater than
20 MHz. Each channel draws only 1.9mA. The device
operates from a ±5 volt supply, which makes it ideal in
a majority of applications.
This space saving buffer may be used in a wide variety
of applications such as, video switching matrix,
multi-channel instrumentation equipment, and A/D
input buffer, etc.
FEATURES AND BENEFITS
• 8 Buffers per package
• 100MHz bandwidth
• Low cost
• Low supply current (1.9mA per buffer)
• No thermal runaway
• 20 pin SOIC package
APPLICATIONS
• Video Switching Matrix input buffer
• Instrumentation
• Multi-channel A/D input buffer
• Multi-isolation buffer
PART
NUMBER
PACKAGE
PART MARK
ZXFBF08W20
SOIC20W
ZXFBF08
ORDERING INFORMATION
PART NUMBER
CONTAINER
INCREMENT
ZXFBF08W20TC
Reel 13”
1000
RELATED PRODUCTS
ZXFBF04
4 Channel Buffer
ZXFBF05
4 Channel Buffer with high capacitance
drive
ZXFBF25
4 Channel Buffer with output enable
8 Channel Buffer Device
1
5
4
3
2
1
OUT1
IN1
V-
OUT2
IN2
OUT8
IN6
V+
OUT6
6
7
8
OUT3
IN3
V-
OUT4
IN5
IN4
OUT5
9
10
11
12
13
14
15
16
17
18
19
20
IN7
OUT7
V+
IN8
CONNECTION DIAGRAM


Similar Part No. - ZXFBF08

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
ZXFBF08W20 ZETEX-ZXFBF08W20 Datasheet
259Kb / 6P
8 Channel Buffer Device
ZXFBF08W20TC ZETEX-ZXFBF08W20TC Datasheet
259Kb / 6P
8 Channel Buffer Device
More results

Similar Description - ZXFBF08

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
logo
National Semiconductor ...
LMC6008 NSC-LMC6008 Datasheet
85Kb / 4P
8 Channel Buffer
logo
Advanced Analog Technol...
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
81-CHANNEL BUFFER FOR TFT LCD
V 1.0
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Texas Instruments
SN65LVCP418 TI-SN65LVCP418 Datasheet
1Mb / 25P
8-Channel Gigabit Signal Conditioning Buffer
logo
Diodes Incorporated
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
4 Channel Buffer Device
OCTOBER 2000
logo
List of Unclassifed Man...
E-TC ETC-E-TC Datasheet
900Kb / 5P
Ethernet-based 8-Channel Thermocouple Input Device
April 2020. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com