Electronic Components Datasheet Search
  English  ▼

X  

ZXFBF04 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXFBF04
Description  4 Channel Buffer Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFBF04 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXFBF04 Datasheet HTML 1Page - Diodes Incorporated ZXFBF04 Datasheet HTML 2Page - Diodes Incorporated ZXFBF04 Datasheet HTML 3Page - Diodes Incorporated ZXFBF04 Datasheet HTML 4Page - Diodes Incorporated ZXFBF04 Datasheet HTML 5Page - Diodes Incorporated ZXFBF04 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ISSUE 2 - OCTOBER 2000
ZXFBF04
DEVICE DESCRIPTION
The ZXFBF04 is a low cost, high slew rate, quad buffer
amplifier. Built using the Zetex CA700 technology, this
buffer has a small signal bandwidth of greater than
100MHz and a 1 volt pk-pk bandwidth of greater than
20 MHz. Each channel draws only 1.9mA. The device
operates from a ±5 volt supply, which makes it ideal in
a majority of applications.
This space saving buffer may be used in a wide variety
of applications such as, video switching matrix,
multi-channel instrumentation equipment, and A/D
input buffer, etc.
FEATURES AND BENEFITS
• 4 Buffers per package
• 100MHz bandwidth
• Low cost
• Low supply current (1.9mA per buffer)
• No thermal runaway
• 14 pin SOIC package
APPLICATIONS
• Video Switching Matrix input buffer
• Instrumentation
• Multi-channel A/D input buffer
• Multi-isolation buffer
PART
NUMBER
PACKAGE
PART MARK
ZXFBF04N14
SOIC14N
ZXFBF04
ORDERING INFORMATION
PART NUMBER
CONTAINER
INCREMENT
ZXFBF04N14TA
Reel 7”
500
ZXFBF04N14TC
Reel 13”
2500
RELATED PRODUCTS
ZXFBF05 4 Channel Buffer with high capacitance
drive
ZXFBF08 8 Channel Buffer
ZXFBF25 4 Channel Buffer with output enable
4 Channel Buffer Device
1
OUT1
IN1
OUT4
IN4
V+
IN2
OUT2
IN3
OUT3
14 PIN SOIC PACKAGE
V-
NC
NC
NC
NC
CONNECTION DIAGRAM


Similar Part No. - ZXFBF04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF04N14 ZETEX-ZXFBF04N14 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF04N14TA ZETEX-ZXFBF04N14TA Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF04N14TC ZETEX-ZXFBF04N14TC Datasheet
258Kb / 6P
4 Channel Buffer Device
More results

Similar Description - ZXFBF04

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
4 Channel Buffer Device
ZXFBF05 ZETEX-ZXFBF05 Datasheet
261Kb / 6P
4 Channel Buffer Device with high capacitance load capability
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
logo
List of Unclassifed Man...
AAT7203 ETC-AAT7203 Datasheet
293Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
logo
National Semiconductor ...
DS90LV804 NSC-DS90LV804 Datasheet
490Kb / 6P
4-Channel 800 Mbps LVDS Buffer/Repeater
DS90LV804 NSC-DS90LV804_07 Datasheet
228Kb / 10P
4-Channel 800 Mbps LVDS Buffer/Repeater
logo
Advanced Analog Technol...
AAT7203 AAT-AAT7203 Datasheet
277Kb / 9P
41-CHANNEL BUFFER FOR TFT LCD
V 0.1
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
4 Channel Buffer Device with high capacitance load capability
FEBRUARY 2001
logo
Texas Instruments
DS90LV804 TI1-DS90LV804_16 Datasheet
834Kb / 15P
4-Channel 800 Mbps LVDS Buffer/Repeater
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com