Electronic Components Datasheet Search
  English  ▼

X  

ZXCT11 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT11
Description  Low power high side current monitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT11 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT11 Datasheet HTML 1Page - Diodes Incorporated ZXCT11 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.diodes.com
Announcement
New Product
ZXCT11
series
Issue Number │001
March 2011
The Diodes advantage
The ZXCT1107/09/10 are 
simple high side current 
monitors. These devices 
eliminate the need to disrupt 
the ground plane when 
sensing a load current.
The wide common‐mode input 
voltage range (from 2.5 to 
36V) and low quiescent 
current (3µA) coupled with 
SOT23 packages make them 
ideal for applications such as  
power adapters, automotive, 
general motor control and 
industrial systems.
Only one sense resistor and 
one gain setting resistor are 
required to complete the 
circuit.
The ZXCT1107/ 09 are 
available in a 3 pin SOT23 
package, the ZXCT1110 
features a separate ground pin 
for improved accuracy and is 
available in a 5 pin SOT23 
package. Operating 
temperature range is from ‐40 
to 125OC. 
Low power high side current
monitors
Wide common‐mode input voltage range from 2.5 to 36V and  
operating temperature range is from ‐40 to 125°C. 
Ideal for Power supply, automotive,  general motor control and 
industrial applications
SOT23 packaging and only two external resistors
Space saving and economic very simple solution
3µA quiescent current
High efficiency low power
AEC‐Q100 specifications available
Ideal for automotive applications


Similar Part No. - ZXCT11

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
ZXCT1107 DIODES-ZXCT1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
ZXCT1107Q DIODES-ZXCT1107Q Datasheet
620Kb / 17P
AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
Rev 3
ZXCT1107QSA-7 DIODES-ZXCT1107QSA-7 Datasheet
620Kb / 17P
AUTOMOTIVE COMPLIANT MICROPOWER CURRENT MONITOR
Rev 3
ZXCT1107SA-7 DIODES-ZXCT1107SA-7 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
More results

Similar Description - ZXCT11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210 Datasheet
620Kb / 32P
High-Side Power and Current Monitors
Rev 0; 6/04
MAX4004 MAXIM-MAX4004 Datasheet
241Kb / 10P
High-Accuracy, High-Side Current Monitors in SOT23
Rev 1; 5/03
logo
Diodes Incorporated
ZXCT1082 DIODES-ZXCT1082 Datasheet
309Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
DS32162 Rev. 1 - 2
ZXCT1107 DIODES-ZXCT1107 Datasheet
374Kb / 17P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 1
ZXCT1107_1107 DIODES-ZXCT1107_1107 Datasheet
341Kb / 16P
LOW POWER HIGH-SIDE CURRENT MONITORS
Rev 3
logo
Maxim Integrated Produc...
MAX4210 MAXIM-MAX4210_05 Datasheet
676Kb / 32P
High-Side Power and Current Monitors
Rev 1; 5/05
logo
Diodes Incorporated
ZXCT1087E5TA DIODES-ZXCT1087E5TA Datasheet
306Kb / 13P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
ZXCT1084E5TA DIODES-ZXCT1084E5TA Datasheet
307Kb / 14P
PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
Rev 2
logo
Maxim Integrated Produc...
MAX4004 MAXIM-MAX4004_V01 Datasheet
1Mb / 11P
High-Accuracy, High-Side Current Monitors in SOT23
2015
logo
Diodes Incorporated
ZXCT1082Q DIODES-ZXCT1082Q Datasheet
500Kb / 13P
AUTOMOTIVE GRADE PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
April 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com