Electronic Components Datasheet Search
  English  ▼

X  

CLC730131 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC730131
Description  Quad TSSOP Op Amp Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC730131 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC730131 Datasheet HTML 1Page - National Semiconductor (TI) CLC730131 Datasheet HTML 2Page - National Semiconductor (TI) CLC730131 Datasheet HTML 3Page - National Semiconductor (TI) CLC730131 Datasheet HTML 4Page - National Semiconductor (TI) CLC730131 Datasheet HTML 5Page - National Semiconductor (TI) CLC730131 Datasheet HTML 6Page - National Semiconductor (TI) CLC730131 Datasheet HTML 7Page - National Semiconductor (TI) CLC730131 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2002 National Semiconductor Corporation
www.national.com
2
Figure 2: Inverting Op Amp Configuration
(Please Follow Page 5 Modification for Inverting Gain)
POWER SUPPLY P INS COMMON TO ALL CHANNELS
+
+
U1-E
4
11
C1
0.1µF
C3
6.8µF
C2
0.1µF
C4
6.8µF
-5V
POWER SUPPLY CONNECTIONS
-5V
+5V
+5V
-5V
GND
BOARD MOUNTING HOLES
OUT1
+
-
R IN1
RF1
ROUT1
U1-A
1
2
3
R G
1
RT
1
OUT2
+
-
R IN2
RF2
ROUT2
U1-B
7
5
6
R G
2
RT
2
OUT3
+
-
R IN3
RF3
ROUT3
U1-C
8
10
9
R G
3
RT
3
OUT4
+
-
R IN4
RF4
ROUT4
U1-D
14
12
13
R G
4
RT
4
+5V
IN3
IN4
IN2
IN1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com