Electronic Components Datasheet Search
  English  ▼

X  

AD623-EVAL Datasheet(PDF) 3 Page - Analog Devices

Part # AD623-EVAL
Description  Evaluation Board for the AD623
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623-EVAL Datasheet(HTML) 3 Page - Analog Devices

  AD623-EVAL Datasheet HTML 1Page - Analog Devices AD623-EVAL Datasheet HTML 2Page - Analog Devices AD623-EVAL Datasheet HTML 3Page - Analog Devices AD623-EVAL Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AD623-EVALZ
Rev. 0 | Page 3 of 4
APPENDIX
Table 2. Jumpers
Jumper
Function
Description
Status
W1
+GUARD select
Allows the shield of the positive input cable to be connected to the guard driver or ground
Not installed
W2
–GUARD select
Allows the shield of the negative input cable to be connected to the guard driver or ground
Not installed
W3
+Input coupling
Installed; the positive input is dc-coupled
Installed
W4
–Input coupling
Installed; the negative input is dc-coupled
Installed
W5
Guard driver –IN
Connects the negative shield guard driver to Pin 1 of the in-amp
Not installed
W6
–VS to – VAUX
Connects the negative supply voltage to the negative auxiliary voltage if of the same value
Not installed
W7
+VS to + VAUX
Connects the positive supply voltage to the positive auxiliary voltage if of the same value
Not installed
W8
Guard driver +IN
Connects the positive shield guard driver to Pin 8 of the in-amp
Not installed
W9
Guard driver +IN
Connects the positive shield guard driver to ground
Not installed
W10
Guard driver +IN
Selects the single-shield guard driver
Not installed
W11
Reference input
Connects the reference of the in-amp to the offset-adjustable voltage reference
Not installed
W12
Reference input
Connects the reference of the in-amp to ground
Installed
W13
Reference input
Connects the reference of the in-amp to an external reference supply
Not installed
W14
In-amp –VS source
Connects the in-amp’s –VS pin to GND or to –VS of the evaluation board
Connected to –VS
W15
Guard driver –IN
Connects the negative shield guard driver to ground
Not installed
Table 3. Input/Output
I/O
Function
+VS/–VS
Positive and negative rails of the in-amp.
GND
Ground for the board. GND1, GND2, GND3, and GND4 designate pins.
+IN/–IN
Positive and negative input of the in-amp.
+GUARD/–GUARD
Positive and negative terminals for use with a shielded cable.
EXT_REF
External reference input for the in-amp.
OUTPUT
Output of the in-amp.
+VAUX/–VAUX
Auxiliary power rails for guard drivers and offset reference circuitry.
Table 4. User-Supplied Parts for Guard and Offset Circuits
Reference Designation
Part
Guard Drivers
C5, C6
0.1 μF, 25 V ceramic capacitor
A2
AD708JN dual precision op amp
Offset Regulators
C7 to C10
0.1 μF, 25 V ceramic capacitor
A1
OP177 precision op amp
CS1, CS2
J500 240 μA current source
R9, R10
5.9 kΩ, 1% metal film resistor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com