Electronic Components Datasheet Search
  English  ▼

X  

AD020-00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AD020-00
Description  Package Drawings and Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AD020-00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AD020-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD020-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Appendix
- 132 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
ackage Drawing – TDFN6 2.5 mm x 2.5 mm
P
2.00 ± 0.05
C0.10
PIN 1 ID
0.30 ± 0.05(6x)
0.30 ± 0.05(6x)
0.65 TYP. (4x)
1.30 REF (2X)
1
3
1
3
6
4
4
PIN 1 INDEX AREA
2.50 ± 0.10
6
0.0-0.05
0.80 MAX
0.20 REF.
Note: Dimensions in mm. TDFN6 package has thermal power dissipation of 320°C/Watt in free air.
ackage Drawing – TDFN SO8
Attaching the package to a circuit board improves thermal performance.
P
5
4
5
1
5
8
1
PIN 1 INDEX AREA
4.900 ± 0.20
4
0.0-0.05
0.75±0.05
0.75±0.05 MAX
Pin 1 ID
3.90 ± 0.15
0.65 ± 0.10 (8x)
1.27 Typ. (6x)
3.81REF (2x)
0.40 ± 0.05 (8x)
Note: Dimensions in mm. TDFN SO8 Package has thermal power dissipation of 240°C/Watt in free air.
Attaching the package to a circuit board improves thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com