Electronic Components Datasheet Search
  English  ▼

X  

AP409 Datasheet(PDF) 2 Page - RFHIC

Part # AP409
Description  High Linearity Drive Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP409 Datasheet(HTML) 2 Page - RFHIC

  AP409_14 Datasheet HTML 1Page - RFHIC AP409_14 Datasheet HTML 2Page - RFHIC AP409_14 Datasheet HTML 3Page - RFHIC AP409_14 Datasheet HTML 4Page - RFHIC AP409_14 Datasheet HTML 5Page - RFHIC AP409_14 Datasheet HTML 6Page - RFHIC AP409_14 Datasheet HTML 7Page - RFHIC AP409_14 Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MMIC
AP409
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 8
Version 5.4
Performance Charts @ Vd=5V, Id=70mA, Tc=25℃
Gain vs. Frequency
OIP3 vs. Frequency
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Noise Figure vs. Frequency
P1dB vs. Frequency
10
12
14
16
18
20
22
100
500
900 1900 2140 2400 2700 3500
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com