Electronic Components Datasheet Search
  English  ▼

X  

AP211 Datasheet(PDF) 1 Page - RFHIC

Part # AP211
Description  High Linearity Drive Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP211 Datasheet(HTML) 1 Page - RFHIC

  AP211_14 Datasheet HTML 1Page - RFHIC AP211_14 Datasheet HTML 2Page - RFHIC AP211_14 Datasheet HTML 3Page - RFHIC AP211_14 Datasheet HTML 4Page - RFHIC AP211_14 Datasheet HTML 5Page - RFHIC AP211_14 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMIC
AP211
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 6
Version 5.4
Product Features
Applications
• 50 ~ 3000 MHz
• GaAs MMIC
• 42dBm Output IP3
• 13dB Gain
• 24dBm P1dB
• Single +5V Supply
• CDMA, W-CDMA Medium Power Amplifier
• High Linearity Drive Amplifier
Description
AP211 is a high linearity amplifier designed with GaAs MMIC in a low cost.
AP211 is designed for applications such as GSM, CDMA, W-CDMA drive devices which require high IP3.
Electrical Specifications @ Ta=+25℃, VDD=+5V, Fc=900 MHz
PARAMETER
UNIT
MIN
TYP
MAX
Gain
dB
12
13
-
Input Return Loss
dB
-
-20
-
Output Return Loss
dB
-
-22
-
Output IP3
dBm
38
42
-
1dB Compression Point
dBm
-
24
-
Noise Figure
dB
-
2.5
-
DC Current
mA
-
230
-
Supply Voltage
VDC
-
5
-
Thermal Resistance (Rth)
℃/W
-
-
33
OIP3 is measured with two tones, at an output power of +10dBm/tone separated by 1MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
-
8
RF Input Power
dBm
-
10
Storage Temperature
℃
-40
150
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Operating Frequency
MHz
50
-
3000
Device Voltage
VDC
-
5
6
Case Temperature
℃
-40
-
85
Package Type : SOIC-8


Similar Part No. - AP211_14

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
365Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2111 DIODES-AP2111 Datasheet
370Kb / 14P
2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
688Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
AP2111H-1.2TRG1 BCDSEMI-AP2111H-1.2TRG1 Datasheet
688Kb / 20P
600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP211_14

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP409 RFHIC-AP409_14 Datasheet
264Kb / 8P
High Linearity Drive Amplifier
AP249 RFHIC-AP249_14 Datasheet
215Kb / 6P
High Linearity Drive Amplifier
AP245 RFHIC-AP245_14 Datasheet
211Kb / 6P
High Linearity Drive Amplifier
AP230 RFHIC-AP230_14 Datasheet
186Kb / 5P
High Linearity Drive Amplifier
AP222 RFHIC-AP222_14 Datasheet
201Kb / 6P
High Linearity Drive Amplifier
AP209 RFHIC-AP209_14 Datasheet
248Kb / 11P
High Linearity Drive Amplifier
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
High Linearity Drive Amplifier
AP112 RFHIC-AP112_14 Datasheet
376Kb / 6P
High Linearity Drive Amplifier
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
High Linearity Amplifier
Rev. 1, 9/2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com