Electronic Components Datasheet Search
  English  ▼

X  

AP112 Datasheet(PDF) 2 Page - RFHIC

Part # AP112
Description  High Linearity Drive Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP112 Datasheet(HTML) 2 Page - RFHIC

  AP112_14 Datasheet HTML 1Page - RFHIC AP112_14 Datasheet HTML 2Page - RFHIC AP112_14 Datasheet HTML 3Page - RFHIC AP112_14 Datasheet HTML 4Page - RFHIC AP112_14 Datasheet HTML 5Page - RFHIC AP112_14 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MMIC
AP112
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 6.1
Block Diagram
Application Circuit
Recommended Bias Resistor Values
Vsupply
Rbias(5V)
Rbias(4.8V)
Rbias(4.5V)
6V
10
15
33
7V
20
28
55
8V
30
41
77
9V
40
53
57



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com