Electronic Components Datasheet Search
  English  ▼

X  

AE410 Datasheet(PDF) 2 Page - RFHIC

Part # AE410
Description  drive or pre-drive amplifier designed in a low cost SOT-89 package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE410 Datasheet(HTML) 2 Page - RFHIC

  AE410 Datasheet HTML 1Page - RFHIC AE410 Datasheet HTML 2Page - RFHIC AE410 Datasheet HTML 3Page - RFHIC AE410 Datasheet HTML 4Page - RFHIC AE410 Datasheet HTML 5Page - RFHIC AE410 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
E-pHEMT MMIC
AE410
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 6
Version 1.1
Application Circuit @ 50 ~ 3000MHz, 50ohm System
Typical RF Performance @ VDD=5V, IDS=100mA, T=25℃, 50ohm System
S-parameter
Noise Figure vs. Frequency
-20
-15
-10
-5
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
20
22
20
300
600
900
1200
1500
1800
2100
2400
2700
3000
Fr eq(MHz)
S 21
S 11
S 22
0
1
2
3
4
5
6
7
8
9
10
50
400
800
1200
1600
2000
2400
2800
F req(MHz)
OIP3 vs. Frequency
P1dB vs. Frequency
22
24
26
28
30
32
34
36
38
40
50
400
800
1200
1600
2000
2400
2800
F req(MHz)
8
10
12
14
16
18
20
22
24
26
50
400
800
1200
1600
2000
2400
2800
F req(MHz)
S21
S22
S11



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com