Electronic Components Datasheet Search
  English  ▼

X  

AE379 Datasheet(PDF) 2 Page - RFHIC

Part # AE379
Description  drive or pre-drive amplifier designed in a low cost SOIC-8 package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE379 Datasheet(HTML) 2 Page - RFHIC

  AE379 Datasheet HTML 1Page - RFHIC AE379 Datasheet HTML 2Page - RFHIC AE379 Datasheet HTML 3Page - RFHIC AE379 Datasheet HTML 4Page - RFHIC AE379 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-pHEMT MMIC
AE379
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 0.3
Application Circuit : 1920 ~ 1980MHz, 50ohm System
EVB BOM
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 1.2pF, 1608
C3
Murata
GRM1885C1H1R2CZ01D
CAP, 2pF, 1608
C2
Murata
GRM1885C1H2R0CZ01D
CAP, 2.2pF, 1608
C10
Murata
GRM1885C1H2R2CZ01D
CAP, 2.5pF, 1608
L2
Murata
GRM1885C1H2R5CZ01D
CAP, 3pF, 1608
C11
Murata
GRM1885C1H3R0CZ01D
CAP, 10pF, 1608
C1, C13
Murata
GRM1885C1H100JA01D
CAP, 10nF, 1608
C8
Murata
GRM188R71H103KA01D
CAP, 100nF, 1608
C4, C7
Murata
GRM188R71C104KA01D
CAP, 4.7uF, 3216-18
C5, C6
AVX
TAJA475M016RNJ
IND, 6.8nH, 0805, W/W
L4
Murata
LQW2BHN6N8DB
IND, 15nH, 0603, W/W
L3
Murata
LQW18AN15NG00D
IND, 22nH, 0603
L1
Taiyo Yuden
HK1608 22NJ
RES, 0Ohm, 1608
R2
ROHM
MCR03 EZPJ000
RES, 120Ohm, 1608
R1
ROHM
MCR03 EZPJ121
DNP
C9, C12, C14
-
-
Typical Performance
PARAMETER
UNIT
TYPICAL
REMARK
Operational Frequency Range
MHz
1920 ~ 1980
-
Small Signal Gain(S21)
dB
11.5
@ 1950MHz
Input Return Loss(S11)
dB
-13
-
Output Return Loss(S22)
dB
-16
-
Output IP3(OIP3)
dBm
45
@ 1950MHz
1dB Compression Point(P1dB) / Efficiency
dBm / %
33 / 60
Noise Figure(NF)
dB
2.3
-
WCDMA**
dBm
23
-
Note
Test condition : Supply Voltage/DC Current = 5V/390mA, T = 25℃
1. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
2. WCDMA 3G 1FA Test Model1 64DPCH, PAR = 10dB@0.01%
L1
C1
C2
C3
L2
R1
L3
C4
C5
C10
C6
C7
C8
R2
L4
C9
C11
C12
C13
C14



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com