Electronic Components Datasheet Search
  English  ▼

X  

AE366 Datasheet(PDF) 2 Page - RFHIC

Part # AE366
Description  a drive or pre-drive amplifier designed in a low cost SOT-89 package.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AE366 Datasheet(HTML) 2 Page - RFHIC

  AE366_14 Datasheet HTML 1Page - RFHIC AE366_14 Datasheet HTML 2Page - RFHIC AE366_14 Datasheet HTML 3Page - RFHIC AE366_14 Datasheet HTML 4Page - RFHIC AE366_14 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-pHEMT MMIC
AE366
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 1.2
Application Circuit @ 30 ~ 1000MHz, 50ohm System
EVB BOM
Description
Reference Designator
Manufacturer
Manufacturer's P/N
CAP, 240pF, 1608
L2, L4
Murata
GRM1885C1H241JA01D
CAP, 100nF, 1608
C8
Murata
GRM188R71C104KA01D
CAP, 4.7uF, 3216-18
C9
AVX
TAJA475M016RNJ
IND, 1uH, ±10%, 2520, W/W
L3
Taiyo Yuden
LEM2520T1R0J
RES, 0Ohm, 1608
C1, C6, Rbias
ROHM
MCR03 EZPJ000
DNP
L1, C2, C3, C4, C5, C7
-
-
Typical Performance
PARAMETER
UNIT
TYPICAL
REMARK
Operational Frequency Range
MHz
30 ~ 1000
-
Small Signal Gain(S21)
dB
22.5
@ 100MHz
Input Return Loss(S11)
dB
-16
-
Output Return Loss(S22)
dB
-20
-
Output IP3(OIP3)
dBm
37.5
@ 100MHz
1dB Compression Point(P1dB)
dBm
22
Noise Figure(NF)
dB
1.6
-
DC Current
mA
90
-
Supply Voltage
V
5
-
Note
1. Test conditions unless otherwise noted. Freq=30~1000MHz, Vdd=+5V, T=25℃, 50Ω system
2. OIP3 measured with 2 tones at an output power of +10dBm/tone separated by 1MHz
C1
C2
L2
C3
C5
L4
C6
L3
Rbias
C8
C9
L1
C4
C7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com