Electronic Components Datasheet Search
  English  ▼

X  

AD211 Datasheet(PDF) 5 Page - RFHIC

Part # AD211
Description  Multi Tuner Set-Top Boxes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AD211 Datasheet(HTML) 5 Page - RFHIC

  AD211 Datasheet HTML 1Page - RFHIC AD211 Datasheet HTML 2Page - RFHIC AD211 Datasheet HTML 3Page - RFHIC AD211 Datasheet HTML 4Page - RFHIC AD211 Datasheet HTML 5Page - RFHIC AD211 Datasheet HTML 6Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
E-pHEMT MMIC
AD211
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
5 / 6
Version 1.3
Package Dimensions (Type: QFN3x3)
* Unit: mm[inch] | Tolerance: ±0.2[.008]
▲
Top View
▲
Side View
▲
Bottom View
5B
Pin Description
Pin No
Function
Pin No
Function
Pin No
Function
Pin No
Function
1
NC
5
Input Matching
9
NC
13
NC
2
GND
6
NC
10
GND
14
Output-2
3
GND
7
Output-1
11
GND
15
NC
4
Input
8
NC
12
NC
16
NC
6B
* Mounting Configuration Notes
1. Ground / thermal via holes are critical for the proper performance of this device.
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink. Ensure that the ground / thermal via hole region contacts the heatsink.
4. Do not put solder mask on the backside of the PCB in the region where the board contacts the heatsink.
5. RF trace width depends upon the PCB material and construction.
6. Use 1 oz. Copper minimum.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com