Electronic Components Datasheet Search
  English  ▼

X  

2N3737 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3737
Description  NPN SILICON SWITCHING TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3737 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3737 Datasheet HTML 1Page - Microsemi Corporation 2N3737 Datasheet HTML 2Page - Microsemi Corporation 2N3737 Datasheet HTML 3Page - Microsemi Corporation 2N3737 Datasheet HTML 4Page - Microsemi Corporation 2N3737 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 620-2600 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
NPN SILICON SWITCHING TRANSISTOR
Qualified per MIL-PRF-19500/395
T4-LDS-0173 Rev. 1 (101069)
Page 1 of 5
DEVICES
LEVELS
2N3735
2N3735L
JAN
2N3737
2N3737UB
JANTX
JANTXV
JANS
ABSOLUTE MAXIMUM RATINGS (TC = +25°C unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Unit
Collector-Emitter Voltage
VCEO
40
Vdc
Collector-Base Voltage
VCBO
75
Vdc
Emitter-Base Voltage
VEBO
5
Vdc
Collector Current
IC
1.5
Adc
Total Power Dissipation
@ TA = +25°C
2N3735, 2N3735L
2N3737
2N3737UB
PT
1.0 (1)
0.5 (3)
0.5 (5)
W
W
W
Total Power Dissipation
@ TC = +25°C
2N3735, 2N3735L
2N3737
2N3737UB
PT
2.9 (2)
1.9 (4)
N/A
W
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
°C
* Electrical characteristics for “L” suffix devices are identical to the “non L” corresponding
devices.
(1) Derate linearly at 5.71 mW/°C above TA = +25°C
(2) Derate linearly at 16.6 mW/°C above TA = +25°C
(3) Derate linearly at 2.86 mW/°C above TA = +25°C
(4) Derate linearly at 11.3 mW/°C above TA = +25°C
(5) Derate linearly at 3.07 mW/°C above TA = +25°C
(6) TA = +55°C for UB on printed circuit board (PCB). PCB = FR4 .0625 inch (1.59MM) 1
– layer 1 oz Cu, horizontal, still air, pads (UB) = .034 inch (0.86 mm) x .048 inch (1.2
mm), RθJA with a defined thermal resistance condition included is measured at PT =
500mW.
ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted)
Parameters / Test Conditions
Symbol
Min.
Max.
Unit
OFF CHARACTERTICS
Collector-Emitter Breakdown Voltage
IC = 10mAdc
V(BR)CEO
40
Vdc
Collector-Base Cutoff Current
VCB = 75Vdc
VCB = 30Vd
ICBO
10
250
μAdc
ηAdc
TO-5*
2N3735L
TO-39* (TO-205AD)
2N3735
3 PIN
2N3737UB
TO-46 (TO-206AB)
2N3737


Similar Part No. - 2N3737

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N3737 SEMICOA-2N3737 Datasheet
46Kb / 2P
Type 2N3737 Geometry TBD Polarity NPN
logo
Motorola, Inc
2N3737 MOTOROLA-2N3737 Datasheet
126Kb / 4P
UHF/VHF TRANSISTOR PMP SILICON
logo
Central Semiconductor C...
2N3737 CENTRAL-2N3737 Datasheet
54Kb / 1P
Small Signal Transistors
logo
Semicoa Semiconductor
2N3737 SEMICOA-2N3737 Datasheet
211Kb / 2P
Silicon NPN Transistor
logo
Microsemi Corporation
2N3737 MICROSEMI-2N3737 Datasheet
184Kb / 5P
NPN SILICON SWITCHING TRANSISTOR
More results

Similar Description - 2N3737

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com