Electronic Components Datasheet Search
  English  ▼

X  

ZTX554 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTX554
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX554 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTX554 Datasheet HTML 1Page - Diodes Incorporated ZTX554 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 1 – MARCH 94
FEATURES
* 150 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX554
ZTX555
UNIT
Collector-Base Voltage
VCBO
-140
-160
V
Collector-Emitter Voltage
VCEO
-125
-150
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation: at Tamb= 25°C
derate above 25°C
Ptot
1
5.7
W
mW/ °C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX554
ZTX555
UNIT CONDITIONS.
MIN.
MAX
MIN.
MAX
Collector-Base
Breakdown Voltage
V(BR)CBO
-140
-160
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-125
-150
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-5
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-0.1
-0.1
µ
A
µ
A
VCB=-120V
VCB=-140V
Emitter Cut-Off
Current
IEBO
-0.1
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.3
-0.3
V
IC=-100mA, IB=-10mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1
-1
V
IC=-100mA, IB=-10mA*
Base-Emitter
Turn-on Voltage
VBE(on)
-1
-1
V
IC=-100mA, VCE=-10V*
Static Forward
Current Transfer Ratio
hFE
50
50
300
50
50
300
IC=-10mA, VCE=-10V*
IC=-300mA, VCE=-10V*
Transition Frequency
fT
100
100
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
10
pF
VCB=-10V, f=1MHz
E-Line
TO92 Compatible
ZTX554
ZTX555
3-198
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
11000
10
100
0.001
0.01
0.1
1.0
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
100µs
20
40
60
80
100
0
-1
-0.2
-0.4
-0.6
-0.8
Switching Speeds
IC - Collector Current (Amps)
-0.0001
-0.001
-0.01
-0.1
IC/IB=10
VCE=-10V
-0.0001
-0.001
1
-0.01
-0.1
3
2
1
4
5
-0.1
-1
0
IB1=IB2=IC/10
-0.01
ZTX554/55-2
ts
tf
td
tr
ts
µs
tr
ns
300
200
100
400
500
0
tf
ns
600
400
200
800
1000
0
td
ns
100
50
0
ZTX554
ZTX555
-0.6
-0.0001
-0.001
-1
-0.01
-0.1
-0.8
-1.0
-1.2
-1.4
-0.6
-1
-0.0001
-0.001
-0.01
-0.1
IC/IB=10
-1.0
-1.2
-1.4
-0.8
0
VCE=-10V
ZTX554
ZTX555
3-199
ZTX554 Not Recommended for
New Design Please Use ZTX555



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com