Electronic Components Datasheet Search
  English  ▼

X  

ZSH560 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZSH560
Description  SUPPLY VOLTAGE MONITOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSH560 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZSH560 Datasheet HTML 1Page - Diodes Incorporated ZSH560 Datasheet HTML 2Page - Diodes Incorporated ZSH560 Datasheet HTML 3Page - Diodes Incorporated ZSH560 Datasheet HTML 4Page - Diodes Incorporated ZSH560 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-40
-20
0
20
40
60
80
100
4.50
4.55
4.60
4.65
4.70
Temperature (°C)
Threshold Voltage v Temperature
Upper Threshold
Lower Threshold
Forward Voltage (V)
Clamp Diode Forward Current v
85°C
25°C
-40°C
Vin = 0V
0
0.4
0.8
1.2
1.6
0
20
40
60
80
100
0
123
Time (
µS)
Reset Delay Time
0
2
4
5
RL = 10k
Ω
0
0.4
0.8
1.2
1.6
2.0
0
0.1
0.2
0.3
0.4
Output Saturation Voltage (V)
Output Saturation Voltage
v Source Current
0
10
20
30
85°C
25°C
-40°C
85°C
25°C
-40°C
02
4
6
8
10
0
100
200
300
400
500
Input Voltage (V)
Input Current v Input Voltage
-40°C
25°C
85°C
0
1
2345
0
1
2
3
4
5
Input Voltage (V)
Output Voltage v Input Voltage
RL = 10k
Ω
TA = 25°C
Voltage




TYPICAL CHARACTERISTICS
ZSH560
4-336



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com