Electronic Components Datasheet Search
  English  ▼

X  

ZMC10 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMC10
Description  Current Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMC10 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMC10 Datasheet HTML 1Page - Diodes Incorporated ZMC10 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Issue
2 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
ZMC 10
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Unit
Supply voltage
VB
12
V
Isolation voltage
VISOL
2kV
Measurable current
IM
10
A
Operating temperature range
Tamb
-40 to +120
°C
Storage temperature range
Tstg
-65 to +120
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25 °C unless otherwise stated)
Parameter
Symbol Min. Typ. Max.
Unit
Test conditions
Bridge resistance
Rbr
1.2
1.7
2.2
k
Ω
Offset voltage
VOff
--
±2
mV/V
Open circuit sensitivity
S
-
0.5
-
(mV/V)/A
Resistance of the conductor
R
-
0.7
-
m
Ω
Operating frequency
fmax
--
100
kHz
Temperature coefficient of
open circuit sensitivity
TC
--
-0.3
%/K
Devices are identified by type on the body of the device
Ordering information:
ZMC10 ..... ZMC10
ZMC10 ........... in boxes (10 components per box)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com