Electronic Components Datasheet Search
  English  ▼

X  

ZMC05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMC05
Description  CURRENT SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMC05 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMC05 Datasheet HTML 1Page - Diodes Incorporated ZMC05 Datasheet HTML 2Page - Diodes Incorporated ZMC05 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZMC05
ISSUE 2 - MAY 2003
2
PARAMETER
SYMBOL
LIMIT
UNIT
Supply Voltage
VB
12
V
Measurable current
at DC: absolute value
at AC: peak value
IM
5A
Operating temperature range
Tamb
-25 to +125
C
Storage temperature range
Tstg
-25 to +125
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Input - Output - Insulation
(pins 3,6 shorted together
& pins 2,4,5,7 shorted
together)
II-O
100
nA
test voltage:200V DC
test time: 50ms
Bridge resistance
Rbr
1.2
1.7
2.2
k
Offset voltage
VOff
2
mV/V
Open circuit sensitivity
S
0.5
0.7
0.9
(mV/V)/A
Resistance of the conductor R
0.7
m
Operating frequency
fmax
100
kHz
ELECTRICAL CHARACTERISTICS (at Tamb = 25 C unless otherwise stated)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com