Electronic Components Datasheet Search
  English  ▼

X  

ZMC05TC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZMC05TC
Description  CURRENT SENSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMC05TC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZMC05TC Datasheet HTML 1Page - Diodes Incorporated ZMC05TC Datasheet HTML 2Page - Diodes Incorporated ZMC05TC Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
The ZMC05 allows the measurement direct or alternating current up to 5A. It
consists of a magnetic sensor chip (employing the magneto resistive effect of thin
Permalloy), which measures the magnetic field generated by an internal-carrying
conductor.
FEATURES
• Package : SM-8
• Supply voltage 12 V
• No Auxiliary Field Required
• Measurable current IM up to 5A
• Available on 12mm tape
APPLICATION
• Contactless and free from losses current measurement
• Automotive
• Battery Power Equipment
• Power Supplies
• Electric Motor Control
• Power Management
DEVICE MARKING
ZMC05
ZMC05
ISSUE 2 - MAY 2003
1
CURRENT SENSOR
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY
PER REEL
ZMC05TA
7
″
12mm
1000
ZMC05TC
13
″
12mm
4000
ORDERING INFORMATION
1
4
2
3
8
5
7
6
PINOUT DIAGRAM
1) Do not connect
2) +VO
3) Current output
4) -VB
5) -VO
6) Current input
7) +VB
8) Do not connection
PIN CONNECTION


Similar Part No. - ZMC05TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC05TC ZETEX-ZMC05TC Datasheet
69Kb / 3P
CURRENT SENSOR
ZMC05TC ZETEX-ZMC05TC Datasheet
71Kb / 3P
CURRENT SENSOR
More results

Similar Description - ZMC05TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com