Electronic Components Datasheet Search
  English  ▼

X  

ZLLS410 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZLLS410
Description  10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS410 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZLLS410 Datasheet HTML 1Page - Diodes Incorporated ZLLS410 Datasheet HTML 2Page - Diodes Incorporated ZLLS410 Datasheet HTML 3Page - Diodes Incorporated ZLLS410 Datasheet HTML 4Page - Diodes Incorporated ZLLS410 Datasheet HTML 5Page - Diodes Incorporated ZLLS410 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZLLS410
Document number: DS32080 Rev. 3 - 2
1 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZLLS410
10V LOW LEAKAGE SCHOTTKY DIODE IN SOD323
Product Summary
•
VR > 10V
•
IF = 750mA
•
IR = 1µA
Description and Applications
This compact SOD323 packaged Schottky diode offers users an
excellent performance combination comprising high current operation,
extremely low leakage and low forward voltage ensuring suitability for
applications requiring efficient operation at higher temperatures
(above 85°C) see Operational efficiency chart on page 4.
•
Low power DC-DC conversion
•
Level shifting
•
Reverse blocking
Features and Benefits
•
Extremely low leakage
•
High current capability
•
Low VF, fast switching Schottky
•
SOD323 package
•
Package thermally rated to 150°C
•
Lead, Halogen, and Antimony Free/RoHS Compliant (Note 1)
•
“Green” Device (Note 2)
Mechanical Data
•
Case: SOD323
•
Case material: Molded Plastic. “Green” Molding Compound.
•
UL Flammability Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish
•
Weight: 0.0049 grams (Approximate)
Ordering Information (Note 3)
Device
Packaging
Shipping
ZLLS410TA
SOD323
3,000/Tape & Reel
ZLLS410TC
SOD323
10,000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For Packaging Details, go to our website at http://www.diodes.com.
Marking Information
SOD323
Device symbol
C
A
Top View
Pin Configuration
41 = Product Type Marking Code


Similar Part No. - ZLLS410

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS410 ZETEX-ZLLS410 Datasheet
395Kb / 8P
10V Low leakage Schottky diode in SOD323
ZLLS410TA ZETEX-ZLLS410TA Datasheet
395Kb / 8P
10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410TA DIODES-ZLLS410TA Datasheet
571Kb / 6P
10V Low leakage Schottky diode in SOD323
Rev erse
ZLLS410TC DIODES-ZLLS410TC Datasheet
571Kb / 6P
10V Low leakage Schottky diode in SOD323
Rev erse
ZLLS410 DIODES-ZLLS410_12 Datasheet
571Kb / 6P
10V Low leakage Schottky diode in SOD323
Rev erse
More results

Similar Description - ZLLS410

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6817 MICROSEMI-1N6817 Datasheet
140Kb / 2P
LOW REVERSE LEAKAGE SCHOTTKY DIODE
1N6819 MICROSEMI-1N6819 Datasheet
88Kb / 2P
LOW LEAKAGE CURRENT SCHOTTKY DIODE
1N6822 MICROSEMI-1N6822 Datasheet
72Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
1N6823 MICROSEMI-1N6823 Datasheet
80Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC100W100H MICROSEMI-MSASC100W100H Datasheet
47Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
MSASC25W45K MICROSEMI-MSASC25W45K Datasheet
77Kb / 2P
LOW LEAKAGE SCHOTTKY DIODE
logo
Zetex Semiconductors
ZLLS410 ZETEX-ZLLS410 Datasheet
395Kb / 8P
10V Low leakage Schottky diode in SOD323
logo
Diodes Incorporated
ZLLS410 DIODES-ZLLS410_12 Datasheet
571Kb / 6P
10V Low leakage Schottky diode in SOD323
Rev erse
logo
Nexperia B.V. All right...
PESD24VL1BA-Q NEXPERIA-PESD24VL1BA-Q Datasheet
225Kb / 11P
Low capacitance bidirectional ESD protection diode in SOD323
5 May 2022
PESD24VL1BA NEXPERIA-PESD24VL1BA Datasheet
225Kb / 11P
Low capacitance bidirectional ESD protection diode in SOD323
11 April 2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com