Electronic Components Datasheet Search
  English  ▼

X  

ZHT2431F02 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHT2431F02
Description  HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT2431F02 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHT2431F02 Datasheet HTML 1Page - Diodes Incorporated ZHT2431F02 Datasheet HTML 2Page - Diodes Incorporated ZHT2431F02 Datasheet HTML 3Page - Diodes Incorporated ZHT2431F02 Datasheet HTML 4Page - Diodes Incorporated ZHT2431F02 Datasheet HTML 5Page - Diodes Incorporated ZHT2431F02 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SCHEMATIC DIAGRAM
DEVICE DESCRIPTION
The ZHT2431 is a three terminal adjustable
shunt regulator offering excellent temperature
stability and output current handling capability
up to 25mA. The output voltage may be set to
any chosen voltage between 1.24 and 15 volts
by selection of two external divider resistors.
The devices can be used as a replacement for
zener diodes in many applications requiring an
improvement in zener performance.
The ZHT2431 is particularly used in the
feedback control loop of switch mode power
supplies. In this application the device 1.24 volt
reference enables the generation of low
voltage supplies, typically 3.3 volts or 3 volts.
The ZHT2431 is intended for use over the
extended operating range of -55°C to 125°C.
FEATURES
• Surface mountSOT23 package
• TO92 package
• 2.5% tolerance
• Average temperaturecoefficient 50 ppm/°C
• Temperature compensated for operation
over the full temperature range
• Programmable output voltage
• 100µA to 25mA current sink capability
• Low output noise
• -55° to 125° Coperation
APPLICATIONS
• Shunt regulator
• Series regulator
• Voltage monitor
• Over voltage/ undervoltage protection
• Switch mode power supplies
HIGH TEMPERATURE ADJUSTABLE
PRECISION ZENER SHUNT REGULATOR
ISSUE 1 JULY 1997
ZHT2431
VZ
Gnd
Vref


Similar Part No. - ZHT2431F02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHT2431F02 ZETEX-ZHT2431F02 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results

Similar Description - ZHT2431F02

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR2431 ZETEX-ZR2431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZHT2431 ZETEX-ZHT2431 Datasheet
176Kb / 6P
HIGH TEMPERATURE ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
logo
Diodes Incorporated
ZR431 DIODES-ZR431 Datasheet
114Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
DECEMBER 2002
ZR431GTA DIODES-ZR431GTA Datasheet
152Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
SEPTEMBER 2000
ZR431FTA DIODES-ZR431FTA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZR431F005TA DIODES-ZR431F005TA Datasheet
168Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
Rev 6
ZH431 DIODES-ZH431 Datasheet
103Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
FEBRUARY 1998
logo
Texas Instruments
LM431 TI1-LM431_16 Datasheet
1Mb / 32P
Adjustable Precision Zener Shunt Regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431_17 Datasheet
241Kb / 9P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com