Electronic Components Datasheet Search
  English  ▼

X  

NSD Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSD
Description  Surface Mount Schottky Barrier Rectifi er Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSD Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSD Datasheet HTML 1Page - NIC-Components Corp. NSD Datasheet HTML 2Page - NIC-Components Corp. NSD Datasheet HTML 3Page - NIC-Components Corp. NSD Datasheet HTML 4Page - NIC-Components Corp. NSD Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NIC COMPONENTS
www.niccomp.com
www.lowESR.com
www.RFpassives.com
3
®
Surface Mount Schottky Barrier Rectifier Diode
NSD Series
MAXIMUM RATINGS (At TA=250C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA=250C unless otherwise noted)
NOTE: 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC.
s
g
n
i
t
a
R
l
o
b
m
y
S
2
2
D
S
N
3
2
D
S
N
4
2
D
S
N
5
2
D
S
N
6
2
D
S
N
S
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
M
M
R
R
V
0
2
0
3
0
4
0
5
0
6
s
t
l
o
V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
M
S
M
R
V
4
1
1
2
8
2
5
3
2
4
s
t
l
o
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
C
D
V
0
2
0
3
0
4
0
5
0
6
s
t
l
o
V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
o
l
0
.
2
s
p
m
A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
M
S
F
I
0
5
s
p
m
A
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
t
R-
hA
J
L
J
-
h
t
R
0
.
5
7
0
.
7
1
o
W
/
C
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
T
J
C
0
2
2
0
8
1
F
p
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
g
n
i
t
a
r
e
p
O
G
T
S
T
/
J
T
0
5
1
+
o
t
5
6
-
/
5
2
1
+
o
t
5
6
-
0
5
1
+
o
t
5
6
-
oC
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
o
b
m
y
S
2
2
D
S
N
3
2
D
S
N
4
2
D
S
N
5
2
D
S
N
6
2
D
S
N
S
T
I
N
U
C
D
A
0
.
2
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
F
V
0
5
.
0
0
7
.
0
s
t
l
o
V
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
C
°
5
2
=
A
T
@
R
I
5
.
0
s
p
m
A
m
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
0
0
1
=
A
T
@
oC
0
.
0
2
0
.
0
1
s
p
m
A
m
Fig. 1 - Derated Curve for Output
Rectifier Current
PCB Mounted on
0.2x0.2”(5.0x5.0mm)
Copper Pad Areas
NSD22 ~ NSD24
NSD22
&
NSD24
Lead Temperature,°C
Resistive or
Inductive Load
50 60 70 80 90 100 110 120 130 140 150 160
2.0
1.5
1.0
0.5
0
Fig. 2 - Typcial Junction Capacitance
T
J=25°C
f=1.0MHz
Vsig=50mV p-p
NSD22 ~ NSD24
NSD25 ~ NSD26
0.1
1.0
10
100
500
100
10
Reverse Voltage, Volts
Fig. 5 - Typical Instantaneous Forward
Characteristics
Pulse Width=300µS
1% Duty Cycle
T
J=25°C
T
J=150°C
T
J=125°C
Instantanesous Forward Voltage,
Volts
0
0.2
0.4
0.6 0.8
1.0
1.2 1.4 1.6
100
10
1
0.1
0.01
Percentage of Rated Peak
Reverse Voltage, %
T
A=25°C
T
A=75°C
T
A=125°C
100
10
1
0.1
0.01
0.001
Fig. 3 - Typical Reverse
Current Characteristics
Fig. 4 - Maximum Non-Repetive Peak
Forward Surge Current
8.3ms Single Half Sine-Wave
(JEDEC Method) at Rated T
L
Number of Cycles at 60Hz
1
10
100
50
40
30
20
10
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com