Electronic Components Datasheet Search
  English  ▼

X  

NSPRH Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NSPRH
Description  Hybrid Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPRH Datasheet(HTML) 1 Page - NIC-Components Corp.

  NSPRH Datasheet HTML 1Page - NIC-Components Corp. NSPRH Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Hybrid Aluminum Electrolytic Capacitors
NSPRH Series
Rated Voltage Range
16 ~ 100VDC
Capacitance Range
10 ~ 560
μF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20% (M)
Maximum Leakage Current
After 2 minutes
0.05CV or 100
μA whichever is greater
Max. Tan
δ at 120Hz/20°C
W.V. (Vdc)
16
25
35
40
50
63
80
100
S.V. (Vdc)
20
32
44
50
63
79
100
125
Tan
δ
0.16
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-55°C/Z+20°C
1.0 ~ 2.5
Z+105°C/Z+20°C
0.6 ~ 1.0
Load Life Test
@ 105°C
16V
φ6.3: 3,000 hours, φ8mm ~ 10mm: 7,000 hours
25V ~ 100V
φ6.3: 5,000 hours, φ8mm ~ 10mm: 10,000 hours
Δ Capacitance
Within ±30% of initial measured value
Δ Tan δ
Less than 200% of specified value
Δ LC
Less than specified value
Δ ESR
Less than 200% of specified value
HIGH TEMPERATURE, EXTENDED LOAD LIFE, RADIAL LEADS, POLARIZED
FEATURES
• IMPROVED ENDURANCE AT HIGH TEMPERATURE
(up to 10,000HRS @ 105°C)
• HIGH RIPPLE CURRENT RATINGS
• REDUCED SIZES
CHARACTERISTICS
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
* NEW *
Long Life &
High Ripple Current
NSPRH 101 M 35V 8X9.5 Y F .
RoHS Compliant
Case Size (D
φxL)
Working Voltage (Vdc)
Tolerance Code (M=20%)
Capacitance Code: First 2 characters
significant, third character is multiplier
Series
PART NUMBER SYSTEM
Suitable for automotive equipment, sourced to special production
and inspection at TS-16949 certified production site.


Similar Part No. - NSPRH

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPR310S-E NICHIA-NSPR310S-E Datasheet
240Kb / 15P
SPECIFICATIONS FOR RED LED
NSPR336AS NICHIA-NSPR336AS Datasheet
241Kb / 15P
SPECIFICATIONS FOR RED LED
NSPR336BS NICHIA-NSPR336BS Datasheet
275Kb / 16P
rohs compliant
NSPR336CS NICHIA-NSPR336CS Datasheet
272Kb / 16P
rohs compliant
NSPR346KS NICHIA-NSPR346KS Datasheet
249Kb / 15P
RoHS Compliant
More results

Similar Description - NSPRH

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSPE-A NIC-NSPE-A_14 Datasheet
91Kb / 3P
Hybrid Aluminum Electrolytic Capacitors
NIC-NSPE-T-ELKO NIC-NIC-NSPE-T-ELKO Datasheet
122Kb / 3P
Hybrid Aluminum Electrolytic Capacitors
NSPE-A NIC-NSPE-A Datasheet
327Kb / 3P
Hybrid Aluminum Electrolytic Capacitors
NSPEHZ NIC-NSPEHZ Datasheet
120Kb / 4P
Hybrid Aluminum Electrolytic Capacitors
NSPE-TZ NIC-NSPE-TZ Datasheet
89Kb / 3P
Hybrid Aluminum Electrolytic Capacitors
NSPE-Z NIC-NSPE-Z Datasheet
90Kb / 3P
Hybrid Aluminum Electrolytic Capacitors
NSPRT NIC-NSPRT Datasheet
111Kb / 2P
Hybrid Aluminum Electrolytic Capacitors
NSPRY NIC-NSPRY Datasheet
109Kb / 2P
Hybrid Aluminum Electrolytic Capacitors
logo
Cornell Dubilier Electr...
HZC CDE-HZC_17 Datasheet
416Kb / 8P
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
HZA CDE-HZA_17 Datasheet
395Kb / 7P
SMT Hybrid Polymer-Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com