Electronic Components Datasheet Search
  English  ▼

X  

NSPRY Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPRY
Description  Hybrid Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPRY Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPRY Datasheet HTML 1Page - NIC-Components Corp. NSPRY Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Miniature Aluminum Electrolytic Capacitors
NSPRY Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D
φ)
6.3
8
10
Lead Dia. (d
φ)
0.45
0.6
0.7
Lead Spacing (F)
0.25
3.5
5.0
Dim.
α
0.5
Dim.
Β
1.5
STANDARD PRODUCT AND CASE SIZE TABLE D
φxL (mm)
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Dissipation Factor
+20°C/120Hz
Leakage Current
(
μA) after 2 minutes
Ripple Current Rating
(mA) +135°C/100KHz
Max. ESR (m
Ω)
+20°C/100KHz
Load Life Hours
@+135°C
NSPRY680M25V6.3X7.2YF68
25
0.16
100.0
780
45
1000
NSPRY151M25V8X9.5YF
150
0.16
187.5
1060
27
2000
NSPRY271M25V10X9.5YF
270
0.16
337.5
1220
22
2000
NSPRY331M25V10X11.5YF
330
0.16
412.5
1390
16
2000
NSPRY470M35V6.3X7.2YF47
35
0.16
100.0
730
60
1000
NSPRY101M35V8X9.5YF
100
0.16
175.0
1010
30
2000
NSPRY151M35V10X9.5YF
150
0.16
262.5
1180
23
2000
NSPRY221M35V10X11.5YF
220
0.16
385.0
1360
17
2000
NSPRY270M40V6.3X7.2YF27
40
0.16
100.0
700
70
1000
NSPRY560M40V8X9.5YF
56
0.16
112.0
980
32
2000
NSPRY101M40V10X9.5YF
100
0.16
200.0
1150
24
2000
NSPRY121M40V10X11.5YF
120
0.16
240.0
1320
18
2000
NSPRY150M50V6.3X7.2YF15
50
0.16
100.0
670
80
1000
NSPRY330M50V8X9.5YF
33
0.16
100.0
940
35
2000
NSPRY560M50V10X9.5YF
56
0.16
140.0
1110
25
2000
NSPRY820M50V10X11.5YF
82
0.16
205.0
1270
19
2000
NSPRY100M63V6.3X7.2YF10
63
0.16
100.0
590
100
1000
NSPRY220M63V8X9.5YF
22
0.16
100.0
870
40
2000
NSPRY330M63V8X9.5YF
33
0.16
104.0
870
40
2000
NSPRY330M63V10X9.5YF
33
0.16
104.0
1010
30
2000
NSPRY470M63V10X9.5YF
47
0.16
148.1
1010
30
2000
NSPRY560M63V10X11.5YF
56
0.16
176.4
1150
22
2000
Frequency (Hz)
100
1K
10K
>100K
10
μF ~ 33μF
0.05
0.32
0.67
1.00
47
μF ~ 560μF
0.10
0.35
0.70
1.00
RIPPLE CURRENT FREQUENCY CORRECTION FACTORS
Y2D
100
35v
MARKING
Date Code
2 = year 2012
4 = month (1 - 9 Jan ~ Sept, O = Oct, N = Nov, D = Dec.)
Capacitance
Voltage
Series
DIMENSIONS (mm)
d
φ ± 0.05
Laminated Case
F ± 0.5
D
φ ± α
5mm
Min.
15mm Min.
L +
β max.
-
+
Polarity Marking
Top Vent
10mm Dia.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com