Electronic Components Datasheet Search
  English  ▼

X  

NTCL Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NTCL
Description  Low ESR Tantalum Chip Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTCL Datasheet(HTML) 2 Page - NIC-Components Corp.

  NTCL Datasheet HTML 1Page - NIC-Components Corp. NTCL Datasheet HTML 2Page - NIC-Components Corp. NTCL Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Low ESR Tantalum Chip Capacitors
CASE DIMENSIONS (mm)
Terminations:
100% Sn (Lead-Free)
Standard
a
H
L
l
2
I
2
W
1
+
c
b
b
l
1
D Case Size
a
H
L
l
2
W
1
+
c
b
b
l
1
I
2
B and C
Case Size
NTC-L Series
Case
Code
L
±0.2
W
±0.2
HL
±0.2
I
1
±0.2
I
2
±0.2
a
±0.2
b
±0.2
c
±0.2
B
3.4
2.6
1.9
1.4
0.8
2.0
0.7
2.2
C
5.8
3.2
2.5
2.4
1.3
2.2
0.7
2.4
D
7.3
4.3±0.3
2.8
3.8
1.3
2.4
1.2
3.3
Part Number
Cap.
(
μF)
Voltage
(Vdc)
Dissipation Factor
@ 120Hz/20°C
Leakage Current (
μA)
@ 25°C
ESR (ohms)
@ 100KHz/20°C
Ripple Current Rating (mA)
@ 100KHz/25°C
NTC-L226K6.3TRBF
22
6.3
0.06
1.4
0.50
440
NTC-L336K6.3TRCF
33
0.06
2.1
0.35
530
NTC-L476K6.3TRCF
47
0.06
3.0
0.35
530
NTC-L107K6.3TRDF
100
0.08
6.3
0.15
890
NTC-L157K6.3TRDF
150
0.08
9.5
0.10
1,100
NTC-L227K6.3TRDF
220
0.10
14
0.10
1,100
NTC-L337K6.3TRDF
330
0.10
20.8
0.10
1,100
NTC-L477K6.3TRDF
470
0.18
32.9
0.20
770
NTC-L156K10TRBF
15
10
0.06
1.5
0.60
400
NTC-L226K10TRCF
22
0.06
2.2
0.50
440
NTC-L336K10TRCF
33
0.06
3.3
0.35
530
NTC-L476K10TRDF
47
0.06
4.7
0.25
690
NTC-L686K10TRDF
68
0.06
6.8
0.20
770
NTC-L107K10TRDF
100
0.08
10
0.10
1,100
NTC-L157K10TRDF
150
0.08
15
0.10
1,100
NTC-L227K10TRDF
220
0.10
22
0.10
1,100
NTC-L337K10TRDF
330
0.18
33
0.15
890
NTC-L106K16TRBF
10
16
0.06
1.6
0.60
400
NTC-L226K16TRCF
22
0.06
3.5
0.40
500
NTC-L336K16TRDF
33
0.06
5.3
0.25
690
NTC-L476K16TRDF
47
0.06
7.5
0.20
770
NTC-L686K16TRDF
68
0.06
11
0.15
890
NTC-L107K16TRDF
100
0.08
16
0.10
1,100
NTC-L106K20TRCF
10
20
0.06
2.0
0.60
400
NTC-L156K20TRCF
15
0.06
3.0
0.50
440
NTC-L226K20TRDF
22
0.06
4.4
0.35
580
NTC-L336K20TRDF
33
0.06
6.6
0.30
630
NTC-L476K20TRDF
47
0.06
9.4
0.20
830
NTC-L156K25TRDF
15
25
0.06
3.8
0.30
630
NTC-L226K25TRDF
22
0.06
5.5
0.30
630
NTC-L336K25TRDF
33
0.06
8.3
0.30
630
NTC-L106K35TRDF
10
35
0.06
3.5
0.30
630
NTC-L156K35TRDF
15
0.06
5.3
0.30
630
NTC-L226K35TRDF
22
0.06
7.7
0.50
490
PART NUMBER AND SPECIFICATIONS TABLE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com