Electronic Components Datasheet Search
  English  ▼

X  

2F8720DS Datasheet(PDF) 2 Page - RFHIC

Part # 2F8720DS
Description  CATV Line Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

2F8720DS Datasheet(HTML) 2 Page - RFHIC

  2F8720DS Datasheet HTML 1Page - RFHIC 2F8720DS Datasheet HTML 2Page - RFHIC 2F8720DS Datasheet HTML 3Page - RFHIC 2F8720DS Datasheet HTML 4Page - RFHIC 2F8720DS Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CATV Line Amplifier
2F8720DS
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 5
Version 5.5
Distortion @ VCC = 24V; Tcase = 25°C; ZS = ZL = 75Ω
PARAMETER
UNIT
MIN
TYP
MAX
SYMBOL
CONDITION
Frequency
MHz
45
-
870
f
-
Composite Triple Beat
dBc
-
-60
-55
CTB
135 channel flat; Vo = 48dBmV
Cross Modulation
dBc
-
-60
-57
XMOD
135 channel flat; Vo = 48dBmV
Composite Second Order Distortion
dBc
-
-63
-58
CSO
135 channel flat; Vo = 48dBmV
Note
135 Channels, NTSC frequency raster: 55.25MHz ~ 859.25MHz, 48dBmV flatted Output level.
CTB, XMOD, CSO definitions follow NCTA definition.
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
MAX
SYMBOL
CONDITION
RF Input Voltage
dBmV
-
70
Vi
Single Tone
DC Supply Over Voltage
V
-
28
V
5 minutes
Storage Temperature
°C
-40
100
Tstg
-
Operating Mounting Base Temperature
°C
-20
100
Tmb
-
Quick Reference Data
PARAMETER
UNIT
MIN
MAX
SYMBOL
CONDITION
Power Gain
dB
18.6
19.4
Gp
f = 45 MHz
19.8
21.2
f = 870 MHz
Total Current Consumption (DC)
mA
-
420
Itot
Vcc = 24V
Functional Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com