Electronic Components Datasheet Search
  English  ▼

X  

RO3101C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RO3101C
Description  433.92 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3101C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RO3101C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3101C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RO3101C - 7/11/08
7
6
5
4
1
2
3
8
From 50
Ω
Network Analyzer
To 50
Ω
Network Analyzer
A
1
2
3
B
7
6
5
4
C
D 7
6
5
4
E
F
G
1
2
3
8
8
Case Dimensions
Dimension
mm
Inches
Min
Nom
Max
Min
Nom
Max
A
4.8
5.0
5.2
0.189
0.197
0.205
B
4.8
5.0
5.2
0.189
0.197
0.205
C
1.7
0.067
D
2.08
0.082
E
1.17
0.046
F
0.64
0.025
G
2.39
2.54
2.69
0.094
0.100
0.106
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
0.05 pF*
0.05 pF
Cp
Co
+
=
*Case Parasitics
Cp
Rm
Lm
Cm
Equivalent LC Model
Temperature Characteristics
The curve shown on the right accounts for resonator contribution only and
does not include LC component temperature contributions.
Pin
Connection
1NC
2
Terminal
3NC
4NC
5NC
6
Terminal
7NC
8NC
Power Test
Electrical Connections
The SAW resonator is bidirectional and
may be installed with either orientation.
The two terminals are interchangeable
and unnumbered. The callout NC
indicates no internal connection. The NC
pads assist with mechanical positioning
and stability. External grounding of the NC
pads is recommended to help reduce
parasitic capacitance in the circuit.
Typical Test Circuit
The test circuit inductor, LTEST, is tuned to resonate with the static
capacitance, CO, at FC.
Electrical Test
7
6
5
4
1
2
3
8
Low-Loss
Matching
Network to
50
Ω
50
Ω Source
at F
C
P
INCIDENT
P
REFLECTED
NC
NC
NC
NC
NC
NC
Typical Application Circuits
7
6
5
4
1
2
3
8
Modulation
Input
ROXXXXC
Bottom View
200k
Ω
C1
L1
(Antenna)
47
+9VDC
C2
RF Bypass
470
Typical Low-Power Transmitter Application
7
6
5
4
1
2
3
8
+VDC
ROXXXXC
Bottom View
200k
Ω
C1
L1
+VDC
C2
RF Bypass
Typical Local Oscillator Application
Output



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com