Electronic Components Datasheet Search
  English  ▼

X  

RO3103 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3103
Description  418.0 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3103 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3103 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3103 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 2
©2009 by RF Monolithics, Inc.
RO3103 (R) - 3/2/09
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
417.925
418.075
MHz
Tolerance from 418.000 MHz
∆fC
±75
kHz
Insertion Loss
IL
2, 5, 6
1.2
2.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
8300
50
Ω Loaded Q
QL
1100
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc + 1.3
kHz
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
15
Ω
Motional Inductance
LM
47.4
µH
Motional Capacitance
CM
3.1
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
2.4
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
2.1
pF
Test Fixture Shunt Inductance
LTEST
2, 7
61.6
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO3103
TO39-3 Case
• Ideal for 418 MHz Transmitters
• Very Low Series Resistance
• Quartz Stability
• Rugged, Hermetic, Low-Profile TO39 Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3103 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It
provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters operating
at 418.0 MHz. The RO2103 is designed specifically for remote-control and wireless security transmitters
operating in the United Kingdom under dTI MPT 1340 and in the USA under FCC Part 15.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles maximum)
260
°C
418.0 MHz
SAW
Resonator
RO3103
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing significantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing
and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C
less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between pin1 and pin 2 measured
at low frequency (10 MHz) with a capacitance meter. The measurement
includes case parasitic capacitance with a floating case. For usual
grounded case applications (with ground connected to either pin 1 or pin 2
and to the case), add approximately 0.25 pF to CO.
Pb


Similar Part No. - RO3103

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103A MURATA-RO3103A Datasheet
392Kb / 2P
418.0 MHz SAW Resonator
RO3103E MURATA-RO3103E Datasheet
121Kb / 2P
418.0 MHz SAW Resonator
More results

Similar Description - RO3103

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2103A RFM-RO2103A Datasheet
169Kb / 2P
418.0 MHz SAW Resonator
RF1171 RFM-RF1171 Datasheet
158Kb / 2P
418.0 MHz SAW Filter
RF1171B RFM-RF1171B Datasheet
166Kb / 2P
418.0 MHz SAW Filter
RP1237 RFM-RP1237 Datasheet
93Kb / 2P
418.0 MHz SAW Resonator
RO3103A RFM-RO3103A Datasheet
58Kb / 2P
418.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3103A MURATA-RO3103A Datasheet
392Kb / 2P
418.0 MHz SAW Resonator
RO3103E MURATA-RO3103E Datasheet
121Kb / 2P
418.0 MHz SAW Resonator
RF1171 MURATA-RF1171 Datasheet
129Kb / 2P
418.0 MHz SAW Filter
RF3171D MURATA-RF3171D Datasheet
101Kb / 4P
418.0 MHz SAW Filter
logo
Golledge Electronics Lt...
MA05649 GOLLEDGE-MA05649 Datasheet
78Kb / 4P
418.0 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com