Electronic Components Datasheet Search
  English  ▼

X  

RO3113 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RO3113
Description  314.5 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RO3113 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RO3113 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RO3113 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 2
©2008 by RF Monolithics, Inc.
RO3113 - 3/27/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency (+25 °C)
Absolute Frequency
fC
2, 3, 4, 5
314.425
314.575
MHz
Tolerance from 314.500 MHz
ΔfC
±75
kHz
Insertion Loss
IL
2, 5, 6
1.0
1.5
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
13000
50
Ω Loaded Q
QL
1200
Temperature Stability
Turnover Temperature
TO
6, 7, 8
10
25
40
°C
Turnover Frequency
fO
fc
Frequency Temperature Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during the First Year
|fA|
1
≤10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
Ω
RF Equivalent RLC Model
Motional Resistance
RM
5, 7, 9
10
Ω
Motional Inductance
LM
70
µH
Motional Capacitance
CM
3.7
fF
Pin 1 to Pin 2 Static Capacitance
CO
5, 6, 9
2.9
pF
Transducer Static Capacitance
CP
5, 6, 7, 9
2.9
pF
Test Fixture Shunt Inductance
LTEST
2, 7
88
nH
Lid Symbolization (in Addition to Lot and/or Date Codes)
RFM RO3113
TO39-3 Case
• Ideal for LO in 315 MHz Superhet Receivers with 500 kHz IF
• Very Low Series Resistance
• Quartz Stability
• Rugged, Hermetic, Low-Profile TO39 Case
• Complies with Directive 2002/95/EC (RoHS)
The RO3113 is a true one-port, surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It provides
reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency oscillators operating at
approximately 314.5 MHz. The RO3113 is designed for IC based 315 MHz superhet receivers using a
500 kHz IF (Philips UAA3201T). Applications include wireless remote-control and security devices operating
in the USA under FCC Part 15 and in Canada under DoC RSS-210.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation
(See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins
(Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
314.5 MHz
SAW
Resonator
RO3113
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or
less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture,
decreasing significantly in subsequent years.
2.
The center frequency, fC, is measured at the minimum insertion loss point,
ILMIN, with the resonator in the 50 Ω test system (VSWR ≤ 1.2:1). The
shunt inductance, LTEST, is tuned for parallel resonance with CO at fC.
Typically, fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488 and
4,616,197 and others pending.
4.
Typically, equipment designs utilizing this device require emissions testing
and government approval, which is the responsibility of the equipment
manufacturer.
5.
Unless noted otherwise, case temperature TC = +25°C±2°C.
6.
The design, manufacturing process, and specifications of this device are
subject to change without notice.
7.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover)
frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO -TC)
2]. Typically, oscillator T
O is 20°C
less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the
resonant frequency and is provided for reference only. The capacitance CO
is the static (nonmotional) capacitance between pin1 and pin 2 measured
at low frequency (10 MHz) with a capacitance meter. The measurement
includes case parasitic capacitance with a floating case. For usual
grounded case applications (with ground connected to either pin 1 or pin 2
and to the case), add approximately 0.25 pF to CO.
Pb


Similar Part No. - RO3113

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RO3113A MURATA-RO3113A Datasheet
392Kb / 2P
314.5 MHz SAW Resonator
More results

Similar Description - RO3113

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2113 RFM-RO2113 Datasheet
258Kb / 2P
314.5 MHz SAW Resonator
RO2113A RFM-RO2113A Datasheet
98Kb / 2P
314.5 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
RO3073E MURATA-RO3073E Datasheet
100Kb / 2P
315.00 MHz SAW Resonator
RO3073E-1 MURATA-RO3073E-1 Datasheet
396Kb / 2P
315.00 MHz SAW Resonator
RO3073E-11 MURATA-RO3073E-11 Datasheet
394Kb / 2P
315.00 MHz SAW Resonator
RO3075A MURATA-RO3075A Datasheet
392Kb / 2P
345.00 MHz SAW Resonator
RO3113A MURATA-RO3113A Datasheet
392Kb / 2P
314.5 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com