Electronic Components Datasheet Search
  English  ▼

X  

XC3101-12 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC3101-12
Description  Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC3101-12 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC3101-12 Datasheet HTML 1Page - Torex Semiconductor XC3101-12 Datasheet HTML 2Page - Torex Semiconductor XC3101-12 Datasheet HTML 3Page - Torex Semiconductor XC3101-12 Datasheet HTML 4Page - Torex Semiconductor XC3101-12 Datasheet HTML 5Page - Torex Semiconductor XC3101-12 Datasheet HTML 6Page - Torex Semiconductor XC3101-12 Datasheet HTML 7Page - Torex Semiconductor XC3101-12 Datasheet HTML 8Page - Torex Semiconductor XC3101-12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2/13
XC3101 Series
■PIN CONFIGURATION
■PIN ASSIGNMENT
PIN NUMBER
USPN-4
SSOT-24
PIN NAME
FUNCTIONS
2
1
VDD
Power Supply Input
1
2
VSS
Ground
4
3
VDOUT
Alarm Output
3
4
VAOUT
Analog Output
■
PRODUCT CLASSIFICATION
●
Ordering Information
PRODUCT NAME
ALARM TEMPERATURE
(*2)
HYSTERESIS WIDTH
(*3)
PACKAGE
ORDER UNIT
XC3101AC70NR-G
(*1)
70℃
5℃
SSOT-24
3,000/Reel
XC3101AC707R-G
(*1)
70℃
5℃
USPN-4
5,000/Reel
PRODUCT NAME
HYSTERESIS WIDTH
DESCRIPTION
XC3101AA
0℃ (TYP.)
Semi-custom
XC3101AB
2.4℃ (TYP.)
Semi-custom
XC3101AC
5℃ (TYP.)
Standard
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) For other alarm temperature besides 70℃, please ask Torex sales contacts.
Optional setting range is 50℃∼95℃.
(*3) The hysteresis width selections are available in 5℃ and 2 other optional for alarm temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com