Electronic Components Datasheet Search
  English  ▼

X  

EMG2 Datasheet(PDF) 1 Page - Rohm

Part # EMG2
Description  NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMG2 Datasheet(HTML) 1 Page - Rohm

  EMG2 Datasheet HTML 1Page - Rohm EMG2 Datasheet HTML 2Page - Rohm EMG2 Datasheet HTML 3Page - Rohm EMG2 Datasheet HTML 4Page - Rohm EMG2 Datasheet HTML 5Page - Rohm EMG2 Datasheet HTML 6Page - Rohm EMG2 Datasheet HTML 7Page - Rohm EMG2 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
EMG2 / UMG2N / FMG2A
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
lOutline
lFeatures
1) Built-In Biasing Resistors, R1 = R2 = 47kW.
2) Two DTC144E chips in one package.
3) Emitter(GND)-common type.
4) Built-in bias resistors enable the configuration of
an inverter circuit without connecting external
input resistors (see inner circuit).
5) The bias resistors consist of thin-film resistors
lInner circuit
with complete isolation to allow negative biasing
of the input. They also have the advantage of
completely eliminating parasitic effects.
6) Only the on/off conditions need to be set for
operation, making the circuit design easy.
7) Lead Free/RoHS Compliant.
lApplication
Inverter circuit, Interface circuit, Driver circuit
lPackaging specifications
R1
47kW
R2
47kW
Parameter
Tr1 and Tr2
VCC
50V
IC(MAX.)
100mA
Part No.
Package
Package
size
(mm)
Taping
code
8,000
G2
8
Tape width
(mm)
Basic
ordering
unit (pcs)
Marking
Reel size
(mm)
EMG2
EMT5
1616
T2R
180
3,000
G2
FMG2A
3,000
G2
UMG2N
UMT5
2021
TR
180
8
SMT5
2928
T148
180
8
EMT5
UMT5
SMT5
(5)
(1)
(2)
(4)
(3)
(2)
(1)
(3)
(4)
(5)
EMG2
(SC-107BB)
FMG2A
(SC-74A)
UMG2N
SOT-353 (SC-88A)
(4)
OUT
IN
(3)
GND
(2)
(5)
OUT
IN
(1)
(2)
OUT
IN
(3)
GND
(4)
(1)
OUT
IN
(5)
EMG2 / UMG2N
FMG2A
(1)
(5)
(4)
(2)
(3)
1/7
2012.06 - Rev.B


Similar Part No. - EMG2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG2 ROHM-EMG2 Datasheet
71Kb / 3P
Emitter common (dual digital transistors)
EMG2 ROHM-EMG2 Datasheet
473Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG2 ROHM-EMG2 Datasheet
1Mb / 11P
Emitter common (dual digital transistors)
logo
SunLED Corporation
EMG21D SUNLED-EMG21D Datasheet
183Kb / 4P
3.65x6.15mm SINGLE CHIP LED LIGHT BAR
logo
PHOENIX CONTACT
EMG22-ILA15AC PHOENIX-EMG22-ILA15AC Datasheet
42Kb / 1P
Please be informed that the data shown in this PDF Document is generated from our Online Catalog.
More results

Similar Description - EMG2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMH2 ROHM-EMH2_12 Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG5T2R ROHM-EMG5T2R Datasheet
420Kb / 7P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG2NTR ROHM-UMG2NTR Datasheet
473Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMG1T2R ROHM-EMG1T2R Datasheet
463Kb / 8P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG3 ROHM-UMG3 Datasheet
422Kb / 7P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG8AT148 ROHM-FMG8AT148 Datasheet
435Kb / 7P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH8NTR ROHM-UMH8NTR Datasheet
361Kb / 6P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMG6NTR ROHM-UMG6NTR Datasheet
434Kb / 7P
NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com