Electronic Components Datasheet Search
  English  ▼

X  

SACB Datasheet(PDF) 2 Page - StarHope

Part # SACB
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE5.0 - 50 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SACB Datasheet(HTML) 2 Page - StarHope

  SACB Datasheet HTML 1Page - StarHope SACB Datasheet HTML 2Page - StarHope SACB Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
◎ 500W Peak Pulse Power capability with a 10/1000us waveform,repetition
rate (duty cycle): 0.01%
◎ Excellent clamping capability
◎ Low incremental surge resistance
◎ Fast response time: typically less than 1.0ps from 0 Volts to V(BR)
for unidirectional types
◎ Ideal for data line applications
◎ High temperature soldering guaranteed: 260°C/10 seconds,0.375"(9.5mm)
lead length,5lbs., (2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-214AA. Molded plastic over glass passivated junction
Terminal: Solder plated, solderable per MIL-STD-750, Method 2026
Polarity:The band denotes TVS cathode
Standard Packaging:12mm tape(EIA STD RS-481)
Weight: 0.003ounce, 0.093gram
Note:
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE5.0 - 50 Volts
500 watt Peak Pulse Power
FEATURES
Transient
Voltage
Suppressor
Diode
Schemati
DO-214AA (SMB J-Bend)
0.155 (3.94)
0.130 (3.30)
0.086 (2.20)
0.073 (1.85)
0.180 (4.57)
0.160 (4.06)
Cathode Band
0.098 (2.5)
0.083 (2.1)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
Dimensions in inches and(millimeters)
0.012 (0.305)
0.006 (0.152)
0.012 (0.3) MAX.
optimize board space
◎ For surface mounted applications in order to
◎ Glass passivated junction
02 | www.spsemi.cn
SACB(500W) Series
SYMBOL VALUE
UNITS
PppM
Minimum
500
Watts
PM(AV)
3
Watts
IPPM
SEE
TABLE 1
Amps
TJ , TSTG
-55 to
+175
° C
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation with a 10/1000µs waveform (Note 1)
Operating junction and Storage Temperature Range
Steady State Power Dissipation at TL= 75°C with lead lengths or 0.375"
(9.5mm)
Peak Pulse Power Surge Current with a 10/1000 µS waveform (Note
1.FIG.3)
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com