Electronic Components Datasheet Search
  English  ▼

X  

SAC45 Datasheet(PDF) 2 Page - StarHope

Part # SAC45
Description  LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

SAC45 Datasheet(HTML) 2 Page - StarHope

  SAC45 Datasheet HTML 1Page - StarHope SAC45 Datasheet HTML 2Page - StarHope SAC45 Datasheet HTML 3Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
◎ Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
◎ Glass passivated junction
◎ 500W Peak Pulse Power capability with a 10/1000µs waveform,
repetition rate (duty cycle): 0.01%
◎ Excellent clamping capability
◎ Low incremental surge resistance
◎ Fast response time: typically less than 1.0ns from 0 Volts to BV min.
◎ Ideal for data line applications
◎ High temperature soldering guaranteed: 265°C/10 seconds/.375",
(9.5mm) lead length, 5lbs., (2.3kg) tension
◎ Pb-free plated
MECHANICAL DATA
Case : JEDEC DO-15 molded plastic over a passivated
junction
Polarity : Color band denotes positive end (cathode)
Mounting Position : Any
Weight : 0.015 ounce, 0.4 gram
SYMBOL VALUE
UNITS
PppM
Minimum
500
Watts
PM(AV)
3
Watts
IPPM
SEE
TABLE 1
Amps
TJ , TSTG
-55 to
+175
° C
Note:
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25℃ per Fig. 2 .
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation with a 10/1000µs waveform (Note 1)
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
STAND-OFF VOLTAGE-5.0 TO 50 Volts
500 Watt Peak Pulse Power
Operating junction and Storage Temperature Range
Terminal: Solderable per MIL-STD-750, Method 2026
Steady State Power Dissipation at TL= 75°C with lead lengths or 0.375"
(9.5mm)
Peak Pulse Power Surge Current with a 10/1000 µS waveform (Note
1.FIG.3)
1.0 (25.4)
MIN.
0.140 (3.6)
0.104 (2.6)
DIA.
0.034 (0.86)
0.028 (0.71)
DIA.
DO-204AC
(DO-15)
Dimensions in inches and(millimeters)
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.
02 | www.spsemi.cn
SAC(500W) Series
REV.2014.05.01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com