Electronic Components Datasheet Search
  English  ▼

X  

07D Datasheet(PDF) 1 Page - StarHope

Part # 07D
Description  Varistor Type MYG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPSEMI [StarHope]
Direct Link  http://www.spsemi.cn
Logo SPSEMI - StarHope

07D Datasheet(HTML) 1 Page - StarHope

  07D Datasheet HTML 1Page - StarHope 07D Datasheet HTML 2Page - StarHope  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Element Size
07
07mm
Varistor Voltage
The first two digits are
S
ignificant figures and the
third one denotes number of
zeros following
D
Voltage
Tolerance
K:±10%
Dimension
Varistor Type MYG
Type MYG Varistors are made of semiconductor ceramic materials composed mainly of
zinc oxide. They have non-linear resistance that changes as a function of applied voltage. It has
small size, high current capacity, and high protection level.
Features
> Wide Varistor voltage range (18V~820V)
> Excellent non-linearity and protection level
> Large withstanding surge current
> Fast response(≤20ns)
 
Recommended Applications
> Protection of semiconductors
      > Surge protection of consumer equipment
> Surge protection of communication, measuring or controller instrument
> Relay or electromagnetic Valve surge absorption
Explanation of Part Numbers
07D Series
01 | www.spsemi.cn
>
Element Size
07
07mm
Voltage
Tolerance
K:±
10%
L:±
15%
Range of voltage
Dimensions(mm)
(V)
D max
T max
L min
d±0.1
D1±1.0
18 - 68
9.0
3.5~6.0
25
0.6
5.0
82 - 820
9.0
4.2~6.5
20
0.6
5.0
REV.2014.05.01


Similar Part No. - 07D

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
07D HUAXINAN-07D Datasheet
470Kb / 6P
Metal Oxide Varistors (MOV)
logo
UN Semiconducctor INC
07D UNSEMI-07D Datasheet
2Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
logo
HUAAN LIMITED
07D HUAAN-07D Datasheet
588Kb / 7P
07D Straight Leads
logo
YAGEO Corporation
07D YAGEO-07D Datasheet
1,017Kb / 13P
RoHS compliant & Halogen free
February 12, 2019
logo
UN Semiconducctor INC
07D-BC UNSEMI-07D-BC Datasheet
2Mb / 7P
Radial Lead Varistor (MOV)
Revision March 1,2022
More results

Similar Description - 07D

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MLV1005 MCC-MLV1005 Datasheet
78Kb / 5P
Normal Type Multilayer Varistor
MLV3225L180PT MCC-MLV3225L180PT Datasheet
308Kb / 2P
Normal Type Multilayer Varistor
logo
KOA Speer Electronics, ...
NVD05UCDMHTA220 KOA-NVD05UCDMHTA220 Datasheet
329Kb / 3P
metal oxide varistor disc type
logo
StarHope
32D SPSEMI-32D Datasheet
373Kb / 2P
Varistor Type MYG
25D SPSEMI-25D Datasheet
386Kb / 2P
Varistor Type MYG
20D SPSEMI-20D Datasheet
359Kb / 2P
Varistor Type MYG
14D SPSEMI-14D Datasheet
332Kb / 2P
Varistor Type MYG
10D SPSEMI-10D Datasheet
350Kb / 2P
Varistor Type MYG
05D SPSEMI-05D Datasheet
294Kb / 2P
Varistor Type MYG
logo
Vatronics Technologies ...
MYG14K471 VATRONICS-MYG14K471 Datasheet
108Kb / 3P
MYG GENERAL PURPOSE VARISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com