Electronic Components Datasheet Search
  English  ▼

X  

DP2-62 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DP2-62
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-62 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DP2-62 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-62 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
792
DP2SERIES
High-performance Digital Pressure Sensor
Complete functionality!
Selection from a wide
lineup
UL Recognition
(Excluding 5 m cable length type)
Conforming to
EMC Directive
Digital
Automatic sensitivity
setting
With analog
output
High accuracy
• high resolution • high speed
Clearly visible LED display with 31/2 digits
Setting with easy key operation
It achieves a 2.5 ms, or less, response
time at a high resolution of 1/1,000.
It enables highly accurate sensing with its
excellent repeatability and temperature
characteristics.
Bright red LED 7-segment display having 31/2
digits, 10 mm 0.394 in high. The displayed
figures are remarkably noticeable not only in
a dark area, but also in a well-lit place.
Initialization and threshold value
settings are easily done by key
operation while seeing the values on
the display.
Response time
2.5 ms or less
Repeatability
Within
0.2 % F.S.
1 digit
Temperature characteristics
Within
1 % F.S.
Four output modes enable versatile pressure level control
Hysteresis mode
Dual output mode
The common hysteresis of the comparative
outputs can be set, as desired, with the set values.
The outputs can be put to different use, such as,
detection of different kinds of objects, control
function, alarm function etc.
1
Comparative
Output 1
Comparative
Output 2
ON
OFF
ON
OFF
0 Set Value 1 (P-1) Set Value 2 (P-2)
High pressure (Positive pressure type)
High vacuum (Vacuum pressure type)
Hysteresis
3
Comparative
Output 1
Comparative
Output 2
ON
OFF
ON
OFF
0 Set Value 1 (P-1) Set Value 2 (P-2)
High pressure (Positive pressure type)
High vacuum (Vacuum pressure type)
Hysteresis
Incorporates
minus sign
‘
’
indication
Window comparator mode
Automatic sensitivity setting mode
The comparative outputs can be turned ON or
OFF by a pressure which is within the pressure
range set by Set Value 1 and Set Value 2.
Using actual objects, if the pressure values for OK
objects and NG objects are input, then the sensor
is automatically set to the optimum pressure value
(mid-value).
2
Comparative
Output 1
Comparative
Output 2
ON
OFF
ON
OFF
0 Set Value 1 (P-1) Set Value 2 (P-2)
High pressure (Positive pressure type)
High vacuum (Vacuum pressure type)
Hysteresis
Hysteresis
4
Comparative
Output 1
Comparative
Output 2
ON
OFF
ON
OFF
0 Set Value 1 (P-1) Set Value 2 (P-2)
Set Value 3 (P-3)
High pressure (Positive pressure type)
High vacuum (Vacuum pressure type)
Hysteresis
Selection from six pressure units
The pressure unit can be selected
from six different systems to suit your
requirement.
The selectable pressure units differ
with the sensor type. When the pres-
sure unit is changed, the measured
pressure value and the set values
are automatically converted.
: Positive pressure type
: Vacuum pressure type
inHg
kPa
mmHg
psi
bar
(Note)
kgf/cm2
International
System of
Units (SI)
Note: ‘MPa’ in case of DP2-22
, DP2-42
and
DP2-62 .
()
* Passed the UL 991 Environment Test
* UL 61010C-1 compatible, Passed the UL 991 Environment Test based on SEMI S2-0200.
[Category applicable for semiconductor manufacturing: TWW2, Process Equipment]
[Applicable standards: UL 61010C-1]
[Additional test / evaluation standards as per intended use: UL991, SEMI S2-0200]


Similar Part No. - DP2-62

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP2-101-RL2-Z COPAL-DP2-101-RL2-Z Datasheet
715Kb / 5P
Directing Switches
DP2-101B-RL2-Z COPAL-DP2-101B-RL2-Z Datasheet
715Kb / 5P
Directing Switches
More results

Similar Description - DP2-62

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6-13 ETC2-6-13 Datasheet
241Kb / 2P
HIGH PERFORMANCE PRESSURE SENSOR
logo
TE Connectivity Ltd
MS5637 TEC-MS5637_16 Datasheet
129Kb / 4P
Digital Pressure Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAD042A ALPS-HSPPAD042A Datasheet
1Mb / 30P
Digital Pressure Sensor
HSPPAD132A ALPS-HSPPAD132A Datasheet
303Kb / 7P
Digital Pressure Sensor
logo
Bosch Sensortec GmbH
BMP180 BOSCH-BMP180 Datasheet
633Kb / 29P
Digital pressure sensor
BMP280 BOSCH-BMP280 Datasheet
1Mb / 49P
Digital Pressure Sensor
BMP388 BOSCH-BMP388 Datasheet
2Mb / 57P
Digital pressure sensor
BMP085 BOSCH-BMP085 Datasheet
644Kb / 27P
Digital pressure sensor
logo
HOPE Microelectronics C...
HP303B HOPE-HP303B Datasheet
1Mb / 38P
Digital Pressure Sensor
logo
Panasonic Semiconductor
DP-001 PANASONIC-DP-001 Datasheet
800Kb / 10P
Digital Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com