Electronic Components Datasheet Search
  English  ▼

X  

DC2CU02L Datasheet(PDF) 14 Page - Altech corporation

Part # DC2CU02L
Description  Miniature Molded Case Circuit Breakers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

DC2CU02L Datasheet(HTML) 14 Page - Altech corporation

Back Button DC2CU02L Datasheet HTML 8Page - Altech corporation DC2CU02L Datasheet HTML 9Page - Altech corporation DC2CU02L Datasheet HTML 10Page - Altech corporation DC2CU02L Datasheet HTML 11Page - Altech corporation DC2CU02L Datasheet HTML 12Page - Altech corporation DC2CU02L Datasheet HTML 13Page - Altech corporation DC2CU02L Datasheet HTML 14Page - Altech corporation DC2CU02L Datasheet HTML 15Page - Altech corporation DC2CU02L Datasheet HTML 16Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
63
Type/Cat.No.
P35ULT
P50ULB
ElectricalRatings
115A/480V AC
115A/480V AC
Conductors
75 C°
75 C°
TerminalSiteAcceptability
14-2AWG(1.53mm2)
14-1AWG(1.5-50mm2)
RequiredTorque
4Nm (35.4 lb. in.)
3.5Nm/31 lb. in. (14-6AWG)
4Nm/35.4 lb. in. (4-1AWG)
MaterialofLug
Brass
Brass
InsulationMaterial
Polyamid
Polyamid
Forusewith
UL489 1-3 phase Busbar
UL489 1-3 phase Busbar
PowerFeedLug
ModularDirectPowerFeed
InsulationCaps
UL489 listed
E305318
UL489 listed
E305318
Power Feed Devices
Easy connection of power supply
wires to the busbar/MCB. Power
Feed Devices ensure permanent
connection.
Assembly Instructions
Type/Cat.No:
BRUL(3perstrip)
Description:
Insulation Cap
Miscellaneous Accessories
31.3 mm (1.23 in.)
16.2 mm (0.64 in.)
3 mm (0.12 in.)
6 mm (0.24 in.)
51.36 mm (20.22 in.)
17.75 mm
(0.70 in.)
12.4 mm
(0.49 in.)
12.6 mm
(0.50 in.)
6 mm
(0.24 in.)
Ø13.5 mm
(0.53 in.)
MCBs_2013_UsethisOne.QXD_CircuitBreakers_2006(togo3).QXD 11/14/13 10:51 AM Page 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com